Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7864 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS7864
Description  500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7864 Datasheet(HTML) 5 Page - Texas Instruments

  ADS7864_14 Datasheet HTML 1Page - Texas Instruments ADS7864_14 Datasheet HTML 2Page - Texas Instruments ADS7864_14 Datasheet HTML 3Page - Texas Instruments ADS7864_14 Datasheet HTML 4Page - Texas Instruments ADS7864_14 Datasheet HTML 5Page - Texas Instruments ADS7864_14 Datasheet HTML 6Page - Texas Instruments ADS7864_14 Datasheet HTML 7Page - Texas Instruments ADS7864_14 Datasheet HTML 8Page - Texas Instruments ADS7864_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
PIN CONFIGURATIONS
+V
A
AGND
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
+V
A
AGND
REFIN
REFOUT
RESET
A0
A1
A2
BYTE
HOLDA
HOLDB
HOLDC
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
ADS7864
43
42
41
40
39
38
37
ADS7864
SBAS141A – SEPTEMBER 2000 – REVISED MARCH 2005
ELECTRICAL CHARACTERISTICS (continued)
All specifications T
MIN to TMAX, +VA = +VD = +5V, VREF = internal +2.5V and fCLK = 8MHz, fSAMPLE = 500kHz (unless otherwise
noted).
ADS7864Y
ADS7864YB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Digital Input/Output
Logic Family
CMOS
CMOS
Logic Levels:
VIH
IIH = +5µA
3.0
+VD + 0.3
3.0
+VD + 0.3
V
VIL
IIL = +5µA
–0.3
0.8
–0.3
0.8
V
VOH
IOH = –500µA
3.5
3.5
V
VOL
IOL = –500µA
0.4
0.4
V
External Clock
0.2
8
0.2
8
MHz
Data Format
Binary Two's Complement
Binary Two's Complement
Power-Supply Requirements
Power Supply Voltage, +VA, +VD
4.75
5
5.25
4.75
5
5.25
V
Quiescent Current, +VA, +VD
10
10
mA
Power Dissipation
50
50
mW
5


Similar Part No. - ADS7864_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7864Y BURR-BROWN-ADS7864Y Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864Y/250 BURR-BROWN-ADS7864Y/250 Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7864Y/250 TI1-ADS7864Y/250 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864Y/250G4 TI1-ADS7864Y/250G4 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7864Y/2K BURR-BROWN-ADS7864Y/2K Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7864_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7864 TI1-ADS7864 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7864 BURR-BROWN-ADS7864 Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
THS1209 TI1-THS1209 Datasheet
318Kb / 33P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com