Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PE7396-16 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part No. PE7396-16
Description  16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female 16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE7396-16 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Design
Fixed Attenuator
Connector 1
F Male
Connector 2
F Female
Body Material and Plating
Brass, Tri-Metal
Electrical Specifications * Values at 25°C, sea level
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
Impedance
75
Ohms
Attenuation Value
16
dB
Input Power
2
Watts
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 2
2 to 3
GHz
Attenuation Accuracy
± 0.5
± 0.3
dB
.
Mechanical Specifications
Temperature
Operating Range
-55 to +80 deg C
Size
Length
2.02 in [51.31 mm]
Width
0.433 in [11 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
F Male
F Female
Contact Material and Plating
Brass, Gold
Phosphor Bronze, Gold
Outer Conductor Material and Plating
Brass, Tri-Metal
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size
11 MM
Body Material and Plating
Brass, Tri-Metal
Brass, Tri-Metal
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body Rated To
2 Watts Up To 3 GHz PE7396-16
PE7396-16
PE7396-16 REV 1.0
16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female
Brass Tri-Metal Body Rated To 2 Watts Up To 3 GHz


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn