Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N746 Datasheet(PDF) 1 Page - General Semiconductor

Part No. 1N746
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

1N746 Datasheet(HTML) 1 Page - General Semiconductor

  1N746 Datasheet HTML 1Page - General Semiconductor 1N746 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SYMBOL
VALUE
UNIT
Zener Current (see Table “Characteristics”)
Power Dissipation at TL = 75°C
Ptot
500(1)
mW
Maximum Junction Temperature
Tj
175
°C
Storage Temperature Range
TS
– 65 to +175
°C
NOTES:
(1) TL is measured 3/8” from body.
FEATURES
♦ Silicon Planar Power Zener Diodes
♦ Standard Zener voltage tolerance is ±5% for
“A” suffix. Other tolerances are available upon
request.
MECHANICAL DATA
Case: DO-35 Glass Case
Weight: approx. 0.13 g
MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified.
1N746 THRU 1N759
ZENER DIODES
1/6/98
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance
RthJA
300(1)
°C/W
Junction to Ambient Air
Forward Voltage
VF
1.5
Volts
at IF = 200 mA
NOTES:
(1) Valid provided that leads at a distance of 3/8” from case are kept at ambient temperature.
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
max. ∅
Cathode
.020 (0.52)
Mark
max. ∅.079 (2.0)
DO-35
Dimensions are in inches and (millimeters)


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
1SMA5913BT3 PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS 1  2  3  4  5  More Motorola, Inc
RD120S ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD 1  2  3  4  5  More NEC
MMSZ5221B SURFACE MOUNT SILICON ZENER DIODES 1  2  3  4  5  Pan Jit International Inc.
CDLL3016B 1 WATT ZENER DIODES 1  2  Compensated Deuices Incorporated
ZMM1 0.5W SILICON PLANAR ZENER DIODES 1  2  3  4  5  More Shanghai Lunsure Electronic Tech
1N5913A SILICON ZENER DIODES 1  2  EIC discrete Semiconductors
SZ553J SURFACE MOUNT SILICON ZENER DIODES 1  2  EIC discrete Semiconductors
1N957 ZENER DIODES 1  2  General Semiconductor
DZ23 Dual Common-Cathode Zener Diodes 1  2  3  4  5  More General Semiconductor
MMBZ5225 ZENER DIODES 1  2  General Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn