Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6506BCBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6506BCBZ
Description  Multiple Linear Power Controller with ACPI Control Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6506BCBZ Datasheet(HTML) 7 Page - Intersil Corporation

  ISL6506BCBZ Datasheet HTML 1Page - Intersil Corporation ISL6506BCBZ Datasheet HTML 2Page - Intersil Corporation ISL6506BCBZ Datasheet HTML 3Page - Intersil Corporation ISL6506BCBZ Datasheet HTML 4Page - Intersil Corporation ISL6506BCBZ Datasheet HTML 5Page - Intersil Corporation ISL6506BCBZ Datasheet HTML 6Page - Intersil Corporation ISL6506BCBZ Datasheet HTML 7Page - Intersil Corporation ISL6506BCBZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FN9141.6
September 12, 2013
current demands. Thus, it is recommended that the output
capacitors be selected for transient load regulation, paying
attention to their parasitic components (ESR, ESL).
Also, during the transition between active and sleep states
on the 5VDUAL output, there is a short interval of time during
which none of the power pass elements are conducting.
During this time the output capacitors have to supply all the
output current. The output voltage drop during this brief
period of time can be easily approximated using Equation 1:
where:
ΔV
OUT = output voltage drop
ESROUT = output capacitor bank ESR
IOUT = output current during transition
COUT = output capacitor bank capacitance
tt = active-to-sleep/sleep-to-active transition time (10µs
typical)
The output voltage drop is heavily dependent on the ESR
(equivalent series resistance) of the output capacitor bank,
the choice of capacitors should be such as to maintain the
output voltage above the lowest allowable regulation level.
Input Capacitors Selection
The input capacitors for an ISL6506, ISL6506A application
must have a sufficiently low ESR so as not to allow the input
voltage to dip excessively when energy is transferred to the
output capacitors. If the ATX supply does not meet the
specifications, certain imbalances between the ATX’s
outputs and the ISL6506, ISL6506A’s regulation levels could
have as a result a brisk transfer of energy from the input
capacitors to the supplied outputs. At the transition between
active and sleep states, such phenomena could be
responsible for the 5VSB voltage drooping excessively and
affecting the output regulation. The solution to such a
potential problem is using larger input capacitors with a
lower total combined ESR.
Transistor Selection/Considerations
The ISL6506, ISL6506A usually requires one P-Channel and
two N-Channel MOSFETs. All three of these MOSFETs are
utilized as ON/OFF switching elements.
One important criteria for selection of transistors for all the
switching elements is package selection for efficient removal
of heat. The power dissipated in a switch element while on is
shown in Equation 2:
Select a package and heatsink that maintains the junction
temperature below the rating with the maximum expected
ambient temperature.
Q1, Q3
These N-Channel MOSFETs are used to switch the 3.3V and
5V inputs provided by the ATX supply into the 3.3VAUX and
5VDUAL outputs while in active (S0, S1) state. The main
criteria for the selection of these transistors is output voltage
budgeting. The maximum rDS(ON) allowed at highest junction
temperature can be expressed using Equation 3:
where:
VINmin = minimum input voltage
VOUTmin = minimum output voltage allowed
IOUTmax = maximum output current
Q2
This is a P-Channel MOSFET used to switch the 5VSB
output of the ATX supply into the 5VDUAL output during
sleep states. The selection criteria of this device, as with the
N-Channel MOSFETs, is proper voltage budgeting. The
maximum rDS(ON), however, has to be achieved with only
4.5V of gate-to-source voltage, so a true logic level
MOSFET needs to be selected.
V
OUT
Δ
I
OUT
ESR
OUT
t
t
C
OUT
----------------
+
⎝⎠
⎜⎟
⎛⎞
×
=
(EQ. 1)
P
LOSS
Io
2
rDS ON
()
×
=
(EQ. 2)
r
DS ON
()max
V
INmin
V
OUTmin
I
OUTmax
---------------------------------------------------
=
(EQ. 3)
ISL6506, ISL6506A, ISL6506B


Similar Part No. - ISL6506BCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6506BCBZ INTERSIL-ISL6506BCBZ Datasheet
177Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BCBZ RENESAS-ISL6506BCBZ Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6506BCBZ RENESAS-ISL6506BCBZ Datasheet
525Kb / 10P
   Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
ISL6506BCBZ-T RENESAS-ISL6506BCBZ-T Datasheet
525Kb / 10P
   Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
logo
Intersil Corporation
ISL6506BCBZA INTERSIL-ISL6506BCBZA Datasheet
177Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
More results

Similar Description - ISL6506BCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
   Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com