Electronic Components Datasheet Search |
|
ISL32177E Datasheet(PDF) 7 Page - Intersil Corporation |
|
ISL32177E Datasheet(HTML) 7 Page - Intersil Corporation |
7 / 22 page 7 FN7529.1 March 14, 2013 Absolute Maximum Ratings Thermal Information VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V VL to GND (Note 4) . . . . . . . . . . . . . . -0.3V to (VCC +0.3V) Input Voltages EN (All varieties) . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V A, B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -9V to +13V Output Voltages RO (Note 5) . . . . . . . . . . . . . . . . . -0.5V to (VCC + 0.3V) RO (Note 4) . . . . . . . . . . . . . . . . . . -0.5V to (VL + 0.3V) Short Circuit Duration RO (One output at a time) . . . . . . . . . . . . . . . Indefinite ESD Rating . . . . . . . . . See “Electrical Specifications” Table Thermal Resistance (Typical) θJA (°C/W) θJC (°C/W) 16 Ld SOIC Package (Notes 6, 9). . 78 30 16 Ld TSSOP Package (Notes 6, 9) 104 25 24 Ld QFN Package (Notes 7, 8) . . 42 5 Maximum Junction Temperature (Plastic Package) . . +150°C Maximum Storage Temperature Range . . . . -65°C to +150°C Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp Recommended Operating Conditions Supply Voltages VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 5.5V VL (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . 1.6V to VCC Temperature Range ISL32X7XEI . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C ISL32X7XEF . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C Bus Pin Common Mode Voltage Range . . . . . . . -7V to +12V RO Output Current . . . . . . . . . . . . . . . . . . . -9mA to +9mA RO Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . ≤6pF CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. ISL32177E and ISL32277E only. 5. Excluding the ISL32177E and ISL32277E. 6. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 7. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379 for details. 8. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside. 9. For θJC, the “case temp” location is taken at the package top center. Electrical Specifications Test Conditions: VCC = 3.0V to 5.5V; VL = VCC (ISL32177E and ISL32277E only); Typicals are at the worst case of VCC = 3.3V or VCC = 5V, TA = +25°C; Unless Otherwise Specified. Boldface limits apply over the operating temperature range. (Notes 10, 14) PARAMETER SYMBOL TEST CONDITIONS TEMP (°C) MIN (Note 13) TYP MAX (Note 13) UNITS DC CHARACTERISTICS Input High Voltage (Logic Pins, Note 17) VIH1 VL = VCC if ISL32177E or ISL32277E VCC ≤3.6V Full 2 -- V VIH2 VCC ≤ 5.5V Full 2.2 -- V VIH3 2.7V ≤ VL < 3.0V (ISL32177E and ISL32277E Only) Full 2 -- V VIH4 2.3V ≤ VL < 2.7V (ISL32177E and ISL32277E Only) Full 1.6 -- V VIH5 1.6V ≤ VL < 2.3V (ISL32177E and ISL32277E Only) Full 0.72*VL -- V VIH6 1.4V ≤ VL < 1.6V (ISL32177E and ISL32277E Only) 25 - 0.4*VL -V Input Low Voltage (Logic Pins, Note 17) VIL1 VL = VCC if ISL32177E and ISL32277E Full - - 0.8 V VIL2 VL ≥ 2.7V (ISL32177E and ISL32277E Only) Full - - 0.6 V VIL3 2.3V ≤ VL < 2.7V (ISL32177E and ISL32277E Only) Full - - 0.6 V VIL4 1.6V ≤ VL < 2.3V (ISL32177E and ISL32277E Only) Full - - 0.22*VL V VIL5 1.4V ≤ VL < 1.6V (ISL32177E and ISL32277E Only) 25 0.35* VL -V ISL32173E, ISL32175E, ISL32177E, ISL32273E, ISL32275E, ISL32277E |
Similar Part No. - ISL32177E |
|
Similar Description - ISL32177E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |