Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL32173EIVZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL32173EIVZ-T
Description  QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32173EIVZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL32173EIVZ-T Datasheet HTML 1Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 2Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 3Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 4Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 5Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 6Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 7Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 8Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
FN7529.1
March 14, 2013
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL32173EIBZ
ISL32173 EIBZ
-40 to +85
16 Ld SOIC
M16.15
ISL32173EFBZ
ISL32173 EFBZ
-40 to +125
16 Ld SOIC
M16.15
ISL32173EIVZ
32173 EIVZ
-40 to +85
16 Ld TSSOP
MDP0044
ISL32173EFVZ
32173 EFVZ
-40 to +125
16 Ld TSSOP
MDP0044
ISL32175EIBZ
ISL32175 EIBZ
-40 to +85
16 Ld SOIC
M16.15
ISL32175EFBZ
ISL32175 EFBZ
-40 to +125
16 Ld SOIC
M16.15
ISL32175EIVZ
32175 EIVZ
-40 to +85
16 Ld TSSOP
MDP0044
ISL32175EFVZ
32175 EFVZ
-40 to +125
16 Ld TSSOP
MDP0044
ISL32177EIRZ
321 77EIRZ
-40 to +85
24 Ld QFN
L24.4x4C
ISL32177EFRZ
321 77EFRZ
-40 to +125
24 Ld QFN
L24.4x4C
ISL32273EIBZ
ISL32273 EIBZ
-40 to +85
16 Ld SOIC
M16.15
ISL32273EFBZ
ISL32273 EFBZ
-40 to +125
16 Ld SOIC
M16.15
ISL32273EIVZ
32273 EIVZ
-40 to +85
16 Ld TSSOP
MDP0044
ISL32273EFVZ
32273 EFVZ
-40 to +125
16 Ld TSSOP
MDP0044
ISL32275EIBZ
ISL32275 EIBZ
-40 to +85
16 Ld SOIC
M16.15
ISL32275EFBZ
ISL32275 EFBZ
-40 to +125
16 Ld SOIC
M16.15
ISL32275EIVZ
32275 EIVZ
-40 to +85
16 Ld TSSOP
MDP0044
ISL32275EFVZ
32275 EFVZ
-40 to +125
16 Ld TSSOP
MDP0044
ISL32277EIRZ
322 77EIRZ
-40 to +85
24 Ld QFN
L24.4x4C
ISL32277EFRZ
322 77EFRZ
-40 to +125
24 Ld QFN
L24.4x4C
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL32173E,ISL32175E,ISL32177E,ISL32273E,
ISL32275E, ISL32277E. For more information on MSL please see tech brief TB363.
Truth Tables
RECEIVER OUTPUT (ROX ENABLED, ALL VERSIONS)
INPUTS (A-B)
OUTPUT (RO)
≥0.2V
1
≤-0.2V
0
Inputs Open (Floating)
1
RECEIVER ENABLE (ISL32173E, ISL32273E)
INPUTS
OUTPUTS
EN
EN
ROX
X0
ENABLED
1X
ENABLED
01
DISABLED*
NOTE: *Low Power SHDN Mode When Disabled
ISL32173E, ISL32175E, ISL32177E, ISL32273E, ISL32275E, ISL32277E


Similar Part No. - ISL32173EIVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32173EIVZ INTERSIL-ISL32173EIVZ Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL32173EIVZ RENESAS-ISL32173EIVZ Datasheet
1Mb / 21P
   Telecom equipment
More results

Similar Description - ISL32173EIVZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com