Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FM4001-T Datasheet(PDF) 8 Page - Rectron Semiconductor

Part No. FM4001-T
Description  PASSIVATED SILICON RECTIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4001-T Datasheet(HTML) 8 Page - Rectron Semiconductor

Back Button FM4001-T Datasheet HTML 2Page - Rectron Semiconductor FM4001-T Datasheet HTML 3Page - Rectron Semiconductor FM4001-T Datasheet HTML 4Page - Rectron Semiconductor FM4001-T Datasheet HTML 5Page - Rectron Semiconductor FM4001-T Datasheet HTML 6Page - Rectron Semiconductor FM4001-T Datasheet HTML 7Page - Rectron Semiconductor FM4001-T Datasheet HTML 8Page - Rectron Semiconductor FM4001-T Datasheet HTML 9Page - Rectron Semiconductor FM4001-T Datasheet HTML 10Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
REEL TAPING SPECIFICATIONS FOR
A
E
F
d
P1
P0
W
B
P
SURFACE MOUNT DEVICES-FLAT MELF
D
W1
D2
D1
( SMA/SMB/SMC )
T
MAX. 3
o
MAX. 3
o
A
R
C
Fig.: Configuration of FLAT MELF TAPING
(SMA/SMB/SMC)
ITEM
SYMBOL
DO214AC (SMA) mm(inch)
DO214AA (SMB) mm(inch)
DO214AB (SMC) mm(inch)
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole diameter
Strocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Totall tape thickness
Tape width
Reel width
A
B
C
d
D
D1
D2
E
F
P
P0
P1
T
W
W1
2.6 0.15 (0.102 0.006)
5.15 0.15 (0.203 0.006)
2.3 0.15 (0.091 0.006)
1.5 0.1 (0.059 0.004)
178 2.0 (7.0 0.079)
50 Min.
13 0.5 (0.512 0.020)
1.5 0.1 (0.059 0.004)
5.65 0.05 (0.222 0.002)
4.0 0.1 (0.157 0.004)
4.0 0.1 (0.157 0.004)
2.0 0.1 (0.079 0.004)
0.30 0.05 (0.012 0.002)
12.0 0.2 (0.472 0.008)
16.8 2.0 (0.661 0.079)
3.65 0.1 (0.144 0.004)
5.69 0.1 (0.224 0.004)
2.67 0.1 (0.105 0.004)
1.5 0.1 (0.059 0.004)
178 2.0 (7.0 0.079)
50 Min.
13 0.5 (0.512 0.020)
1.5 0.1 (0.059 0.004)
5.65 0.05 (0.222 0.002)
8.0 0.1 (0.315 0.004)
4.0 0.1 (0.157 0.004)
2.0 0.1 (0.079 0.004)
0.6 Max.
12.0 0.2 (0.472 0.008)
16.8 2.0 (0.661 0.079) 24.0 2.0 (0.945 0.079)
16.0 0.2 (0.630 0.008)
0.6 Max.
4.0 0.1 (0.157 0.004)
4.0 0.1 (0.157 0.004)
8.0 0.1 (0.315 0.004)
7.65 0.05 (0.301 0.002)
1.5 0.1 (0.059 0.004)
13 0.5 (0.512 0.020)
50 Min.
178 2.0 (7.0 0.079)
1.5 0.1 (0.059 0.004)
2.5 0.1 (0.098 0.004)
8.30 0.1 (0.327 0.004)
6.0 0.1 (0.236 0.004)
Note: 1.Devices are packed in accordance with EIA standard RS-481-A and specification given above.
2.Available on 7 inch ( 1500 ct. ) or 13 inch ( 5000 ct. ) diameter reels.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn