Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM4004-W-S-NT-W Datasheet(PDF) 8 Page - Rectron Semiconductor

Part # FM4004-W-S-NT-W
Description  PASSIVATED SILICON RECTIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4004-W-S-NT-W Datasheet(HTML) 8 Page - Rectron Semiconductor

Back Button FM4004-W-S-NT-W Datasheet HTML 2Page - Rectron Semiconductor FM4004-W-S-NT-W Datasheet HTML 3Page - Rectron Semiconductor FM4004-W-S-NT-W Datasheet HTML 4Page - Rectron Semiconductor FM4004-W-S-NT-W Datasheet HTML 5Page - Rectron Semiconductor FM4004-W-S-NT-W Datasheet HTML 6Page - Rectron Semiconductor FM4004-W-S-NT-W Datasheet HTML 7Page - Rectron Semiconductor FM4004-W-S-NT-W Datasheet HTML 8Page - Rectron Semiconductor FM4004-W-S-NT-W Datasheet HTML 9Page - Rectron Semiconductor FM4004-W-S-NT-W Datasheet HTML 10Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
REEL TAPING SPECIFICATIONS FOR
A
E
F
d
P1
P0
W
B
P
SURFACE MOUNT DEVICES-FLAT MELF
D
W1
D2
D1
( SMA/SMB/SMC )
T
MAX. 3
o
MAX. 3
o
A
R
C
Fig.: Configuration of FLAT MELF TAPING
(SMA/SMB/SMC)
ITEM
SYMBOL
DO214AC (SMA) mm(inch)
DO214AA (SMB) mm(inch)
DO214AB (SMC) mm(inch)
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole diameter
Strocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Totall tape thickness
Tape width
Reel width
A
B
C
d
D
D1
D2
E
F
P
P0
P1
T
W
W1
2.6 0.15 (0.102 0.006)
5.15 0.15 (0.203 0.006)
2.3 0.15 (0.091 0.006)
1.5 0.1 (0.059 0.004)
178 2.0 (7.0 0.079)
50 Min.
13 0.5 (0.512 0.020)
1.5 0.1 (0.059 0.004)
5.65 0.05 (0.222 0.002)
4.0 0.1 (0.157 0.004)
4.0 0.1 (0.157 0.004)
2.0 0.1 (0.079 0.004)
0.30 0.05 (0.012 0.002)
12.0 0.2 (0.472 0.008)
16.8 2.0 (0.661 0.079)
3.65 0.1 (0.144 0.004)
5.69 0.1 (0.224 0.004)
2.67 0.1 (0.105 0.004)
1.5 0.1 (0.059 0.004)
178 2.0 (7.0 0.079)
50 Min.
13 0.5 (0.512 0.020)
1.5 0.1 (0.059 0.004)
5.65 0.05 (0.222 0.002)
8.0 0.1 (0.315 0.004)
4.0 0.1 (0.157 0.004)
2.0 0.1 (0.079 0.004)
0.6 Max.
12.0 0.2 (0.472 0.008)
16.8 2.0 (0.661 0.079) 24.0 2.0 (0.945 0.079)
16.0 0.2 (0.630 0.008)
0.6 Max.
4.0 0.1 (0.157 0.004)
4.0 0.1 (0.157 0.004)
8.0 0.1 (0.315 0.004)
7.65 0.05 (0.301 0.002)
1.5 0.1 (0.059 0.004)
13 0.5 (0.512 0.020)
50 Min.
178 2.0 (7.0 0.079)
1.5 0.1 (0.059 0.004)
2.5 0.1 (0.098 0.004)
8.30 0.1 (0.327 0.004)
6.0 0.1 (0.236 0.004)
Note: 1.Devices are packed in accordance with EIA standard RS-481-A and specification given above.
2.Available on 7 inch ( 1500 ct. ) or 13 inch ( 5000 ct. ) diameter reels.


Similar Part No. - FM4004-W-S-NT-W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4004-W-S-NT RECTRON-FM4004-W-S-NT Datasheet
298Kb / 7P
   SURFACE MOUNT SILICON RECTIFIER
More results

Similar Description - FM4004-W-S-NT-W

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N5415 CENTRAL-1N5415 Datasheet
287Kb / 2P
   PASSIVATED SILICON RECTIFIER
logo
Sangdest Microelectroni...
RL101 SMC-RL101 Datasheet
178Kb / 4P
   PASSIVATED SILICON RECTIFIER
logo
Central Semiconductor C...
1N5188 CENTRAL-1N5188_15 Datasheet
289Kb / 2P
   PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Shanghai Shunye Electro...
1N4001G SY-1N4001G Datasheet
232Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
6A05G SY-6A05G Datasheet
1,002Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
SBM4001PT CHENMKO-SBM4001PT Datasheet
72Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Shanghai Shunye Electro...
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5400G SHUNYE-1N5400G_17 Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY127G SHUNYE-BY127G_17 Datasheet
991Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com