Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RP0007 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part No. RP0007
Description  HIGH CURRENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SSDI [Solid States Devices, Inc]
Homepage  http://www.ssdi-power.com
Logo 

RP0007 Datasheet(HTML) 1 Page - Solid States Devices, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Forward Current to 400 Amps
• PIV 1000 to 2000 Volts
• Transient Voltage Rating of 200 Volts Above PIV
• Pressure Contact Device
• Single Chip Construction
• Low Forward Voltage Drop
• Hermetically Sealed
• For High Power Applications
• For Reverse Polarity Version Add Suffix “R”
• Fast Recovery Version Available (0.7 µsec typical)
• Higher Voltage Versions up to 5000 Volts
Available
• TX, TXV, and Space Level Screening Available
SDR9400S10
thru
SDR9400S20
400 AMPS
1000 ─ 2000 VOLTS
25 µsec
STANDARD RECOVERY
HIGH CURRENT RECTIFIER
DO-9
MAXIMUM RATINGS 1/
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SDR9400S10
SDR9400S15
SDR9400S20
VRRM
VRWM
VR
1000
1500
2000
Volts
Average Rectified Forward Current Over Full Cycle
(Resistive Load, 60 Hz, Sine Wave, TA=25
oC)
IO
400
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA=25
oC)
IFSM
3500
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +175
oC
Maximum Thermal Resistance
(Junction to Case)
RθJC
0.14
oC/W
NOTES:
1/ Mounting force = 238.95 in.-lbs. ± 10% for non-lubricated threads
Typical weight = 220 grams
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RP0007B
DOC


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn