Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM111WG883 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM111WG883
Description  LM111QML Voltage Comparator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM111WG883 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM111WG883 Datasheet HTML 4Page - Texas Instruments LM111WG883 Datasheet HTML 5Page - Texas Instruments LM111WG883 Datasheet HTML 6Page - Texas Instruments LM111WG883 Datasheet HTML 7Page - Texas Instruments LM111WG883 Datasheet HTML 8Page - Texas Instruments LM111WG883 Datasheet HTML 9Page - Texas Instruments LM111WG883 Datasheet HTML 10Page - Texas Instruments LM111WG883 Datasheet HTML 11Page - Texas Instruments LM111WG883 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
LM111QML
SNOSAJ4C – OCTOBER 2005 – REVISED MARCH 2013
www.ti.com
LM111-SMD Electrical Characteristics SMD 5962-8687701 DC Parameters
(1) (continued)
The following conditions apply, unless otherwise specified. VCC = ±15V, VCM = 0
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VIO R
Raised Input Offset Voltage
VI = 0V, RS = 50Ω
-3.0
+3.0
mV
1
(2)
-4.5
+4.5
mV
2, 3
+VCC = 29.5V, -VCC = -0.5V,
-3
+3
mV
1
VI = 0V, VCM = -14.5V,
(2)
-4.5
+4.5
mV
2, 3
RS = 50Ω
+VCC = 2V, -VCC = -28V,
-3.0
+3.0
mV
1
(2)
VI = 0V, VCM = +13V, RS = 50Ω
-4.5
+4.5
mV
2, 3
IIO
Input Offset Current
VI = 0V, RS = 50KΩ
-10
+10
nA
1, 2
-20
+20
nA
3
+VCC = 29.5V, -VCC = -0.5V,
-10
+10
nA
1, 2
VI = 0V, VCM = -14.5V,
-20
+20
nA
3
RS = 50KΩ
+VCC = 2V, -VCC = -28V,
-10
+10
nA
1, 2
VI = 0V, VCM = +13V,
-20
+20
nA
3
RS = 50KΩ
IIOR
Raised Input Offset Current
VI = 0V, RS = 50KΩ
-25
+25
nA
1, 2
(2)
-50
+50
nA
3
±IIB
Input Bias Current
VI = 0V, RS = 50KΩ
-100
0.1
nA
1, 2
-150
0.1
nA
3
+VCC = 29.5V, -VCC = -0.5V,
-150
0.1
nA
1, 2
VI = 0V, VCM = -14.5V,
-200
0.1
nA
3
RS = 50KΩ
+VCC = 2V, -VCC = -28V,
-150
0.1
nA
1, 2
VI = 0V, VCM = +13V,
-200
0.1
nA
3
RS = 50KΩ
VOSt
Collector Output Voltage (Strobe)
+VI = Gnd, -VI = 15V,
(3) (4)
V
1, 2, 3
ISt = -3mA, RS = 50Ω
14
CMRR
Common Mode Rejection Ratio
-28V
≤ -VCC ≤ -0.5V, RS = 50Ω, 2V
≤ +VCC ≤ 29.5V, RS = 50Ω, -14.5V
80
dB
1, 2, 3
≤ VCM ≤ 13V, RS = 50Ω
VOL
Low Level Output Voltage
+VCC = 4.5V, -VCC = Gnd,
IO = 8mA, ±VI = 0.71V,
0.4
V
1, 2, 3
VID = -6mV
+VCC = 4.5V, -VCC = Gnd,
IO = 8mA, ±VI = −1.75V,
0.4
V
1, 2, 3
VID = -6mV
IO = 50mA, ±VI = 13V,
1.5
V
1, 2, 3
VID = -5mV
IO = 50mA, ±Vl= -14V,
1.5
V
1, 2, 3
VID = -5mV
ICEX
Output Leakage Current
+VCC = 18V, -VCC = -18V,
-1.0
10
nA
1
VO = 32V
-1.0
500
nA
2
IL
Input Leakage Current
+VCC = 18V, -VCC = -18V,
(5)
-5.0
500
nA
1, 2, 3
+VI = +12V, -VI = -17V
+VCC = 18V, -VCC = -18V,
(5)
-5.0
500
nA
1, 2, 3
+VI = -17V, -VI = +12V
+ICC
Power Supply Current
6.0
mA
1, 2
7.0
mA
3
(2)
Subscript (R) indicates tests which are performed with input stage current raised by connecting BAL and BAL/STB terminals to +VCC.
(3)
IST = −2mA at −55°C
(4)
Group A sample ONLY
(5)
VID is voltage difference between inputs.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM111QML


Similar Part No. - LM111WG883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM111WG-SMD NSC-LM111WG-SMD Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
LM111WG-SMD NSC-LM111WG-SMD Datasheet
1,006Kb / 34P
   Voltage Comparator
LM111WG/883 NSC-LM111WG/883 Datasheet
1Mb / 23P
   Voltage Comparator
LM111WG/883 NSC-LM111WG/883 Datasheet
1,006Kb / 34P
   Voltage Comparator
logo
Texas Instruments
LM111WG/883 TI1-LM111WG/883 Datasheet
1Mb / 41P
[Old version datasheet]   Voltage Comparator
More results

Similar Description - LM111WG883

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com