Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4245GP Datasheet(PDF) 1 Page - General Semiconductor

Part # 1N4245GP
Description  GLASS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

1N4245GP Datasheet(HTML) 1 Page - General Semiconductor

  1N4245GP Datasheet HTML 1Page - General Semiconductor 1N4245GP Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4245GP THRU 1N4249GP
GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 200 to 1000 Volts
Forward Current - 1.0 Ampere
FEATURES
♦ Plastic package has
Underwriters Laboratory
Flammability Classification 94V-0
♦ High temperature metallurgically
bonded construction
♦ Glass passivated cavity-free junction
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ 1.0 Ampere operation at TA=55°C with no thermal
runaway
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AL molded plastic over glass body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
1N
1N
1N
1N
1N
SYMBOLS
4245GP
4246GP
4247GP
4248GP
4249GP
UNITS
* Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
Volts
* Maximum RMS voltage
VRMS
140
280
420
560
700
Volts
* Maximum DC blocking voltage
VDC
200
400
600
800
1000
Volts
* Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55°C
I(AV)
1.0
Amp
* Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
25.0
Amps
* Maximum instantaneous forward voltage at 1.0A
VF
1.2
Volts
* Maximum full load reverse current full cycle
average 0.375" (9.5mm) lead length TA=55°C
IR(AV)
50.0
µA
* Maximum reverse current at rated TA=25°C
1.0
DC blocking voltage
TA=125°C
IR
25.0
µA
Typical junction capacitance (NOTE 1)
CJ
8.0
pF
Typical thermal resistance (NOTE 2)
R
ΘJA
55.0
°C/W
R
ΘJL
25.0
* Operating junction temperature range
TJ
-65 to +160
°C
* Storage temperature range
TSTG
-65 to +175
°C
NOTES:
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, P.C.B.mounted
* JEDEC registered values
4/98
0.107 (2.7)
0.080 (2.0)
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
DIA.
NOTE:
Lead diameter is
for suffix "E" part numbers
0.026 (0.66)
0.023 (0.58)
DO-204AL
Dimension in inches and (millimeters)
*Glass-plastic technique is covered by
Patent No.3,996,602 and brazed-lead assembly by Patent No. 3,930,306
®


Similar Part No. - 1N4245GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4245GP VISHAY-1N4245GP Datasheet
76Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 15-Mar-11
1N4245GP VISHAY-1N4245GP Datasheet
79Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
1N4245GP VISHAY-1N4245GP_V01 Datasheet
79Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results

Similar Description - 1N4245GP

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N5059 GE-1N5059 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A_09 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com