Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A6008 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE15A6008
Description  Amplifier, -20 to 20 dBm Pin, SMA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A6008 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A6008 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A6008 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A6008 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A6008 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A6008 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A6008 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A6008 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
TECHNICAL DATA SHEET
Model Number PE15A6008 is a 2 to 8 GHz high gain limiting coaxial amplifier. The model operates with an input power range
of -20 to +20 dBm and maintains a limited output of +19 dBm minimum. This amplifier offers a 40 dB flat high gain and a
gain flatness of ±2.0 dB independent of the input. This excellent technical performance is achieved through the use of hybrid
MIC design and advanced GaAs PHEMT devices, and supplied the power typically from a +12V DC power supply. This
connectorized limiting includes built-in voltage regulation, bias sequencing, and reverse bias protection for added reliability.
The module is hermetically sealed for extreme environmental conditions.
Features
2 GHz to 8 GHz Frequency Range
Wide Input Dynamic Range: -20 to +20 dBm
Psat: 19dBm Min.
High Small Signal Gain: 40 dB Min.
Gain Flatness: ±2 dB max
Noise Figure: 5 dB maximum
VSWR (In/Out) 2:1
50 Ohm Input and Output Matched
-30 to 70°C Operating Temperature
Unconditionally Stable
Regulated Supply & Bias Sequencing
Hermetically Sealed Module
Overvoltage External Protection for Easy Repair
Applications
• Electronic Warfare
Test & Measurements
Military & Space
Military Communication Systems
• Broadband Communication
Microwave Receivers
Instantaneous Frequency
Measurement Receivers
Electrical Specifications (TA = +25°C, DC Voltage = 12Volts, DC Current = 300mA)
Description
Minimum
Typical
Maximum
Units
Frequency Range
2
8
GHz
Small Signal Gain
40
dB
Gain Flatness
±2
dB
Input Power
-20
+20
dBm
Psat
+19
dBm
Psat Flatness
±1
dB
Noise Figure
5
dB
Input VSWR
2:1
Output VSWR
2:1
Operating DC Voltage
11
12
13
Volts
Operating DC Current
300
mA
Operating Temperature Range
-30
+70
°C
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 40 dB Gain, 19 dBm, 2 GHz to 8 GHz, Limiting Amplifier, -20 to 20 dBm Pin, SMA PE15A6008
PE15A6008
PE15A6008 REV
40 dB Gain, 19 dBm, 2 GHz to 8 GHz, Limiting
Amplifier, -20 to 20 dBm Pin, SMA


Similar Part No. - PE15A6008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A6002 PASTERNACK-PE15A6002 Datasheet
508Kb / 7P
   Amplifier, -40 to 10 dBm Pin, SMA
PE15A6007 PASTERNACK-PE15A6007 Datasheet
510Kb / 7P
   Amplifier, -40 to 10 dBm Pin, SMA
More results

Similar Description - PE15A6008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A6012 PASTERNACK-PE15A6012 Datasheet
512Kb / 7P
   Amplifier, -20 to 20 dBm Pin, SMA
PE15A6002 PASTERNACK-PE15A6002 Datasheet
508Kb / 7P
   Amplifier, -40 to 10 dBm Pin, SMA
PE15A6007 PASTERNACK-PE15A6007 Datasheet
510Kb / 7P
   Amplifier, -40 to 10 dBm Pin, SMA
logo
Transcom, Inc.
TA100-160-32-20 TRANSCOM-TA100-160-32-20 Datasheet
17Kb / 1P
   10 - 16GHz 20 dBm Amplifier
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
   6 - 18GHz 20 dBm Amplifier
TA005-025-25-20 TRANSCOM-TA005-025-25-20 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 20 dBm Amplifier
logo
Pasternack Enterprises,...
PE71S6230 PASTERNACK-PE71S6230 Datasheet
425Kb / 5P
   SMA SPST PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up To 20 dBm
PE8017 PASTERNACK-PE8017 Datasheet
641Kb / 3P
   SMA PIN-PIN Limiter, 100 Watts Peak Power, 20 dBm Flat Leakage, 500 MHz to 1,000 MHz
logo
Broadcom Corporation.
DEMO-MGA-565P8 BOARDCOM-DEMO-MGA-565P8 Datasheet
312Kb / 12P
   20 dBm Psat High Isolation Buffer Amplifier
logo
Transcom, Inc.
TC1901 TRANSCOM-TC1901 Datasheet
110Kb / 3P
   2 - 20 GHz 20 dBm MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com