Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A6008 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A6008
Description  Amplifier, -20 to 20 dBm Pin, SMA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A6008 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A6008 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A6008 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A6008 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A6008 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A6008 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A6008 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A6008 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TECHNICAL DATA SHEET
Absolute Maximum Rating
Parameter
Rating
Units
Source Voltage
+15
Volts
RF input Power
+17
dBm
Operating Temperature (base-plate)
-30 to +70
°C
Storage Temperature
-55 to +85
°C
.
ESD Sensitive Material,
Transport material in
Approved ESD bags.
Handle only in approved
ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
Heat Sink Required for Proper Operation, Unit is cooled by conduction to heat sink.
PE15A6008
PE15A6008 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 40 dB Gain, 19 dBm, 2 GHz to 8 GHz, Limiting Amplifier, -20 to 20 dBm Pin, SMA PE15A6008
40 dB Gain, 19 dBm, 2 GHz to 8 GHz, Limiting
Amplifier, -20 to 20 dBm Pin, SMA


Similar Part No. - PE15A6008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A6002 PASTERNACK-PE15A6002 Datasheet
508Kb / 7P
   Amplifier, -40 to 10 dBm Pin, SMA
PE15A6007 PASTERNACK-PE15A6007 Datasheet
510Kb / 7P
   Amplifier, -40 to 10 dBm Pin, SMA
More results

Similar Description - PE15A6008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A6012 PASTERNACK-PE15A6012 Datasheet
512Kb / 7P
   Amplifier, -20 to 20 dBm Pin, SMA
PE15A6002 PASTERNACK-PE15A6002 Datasheet
508Kb / 7P
   Amplifier, -40 to 10 dBm Pin, SMA
PE15A6007 PASTERNACK-PE15A6007 Datasheet
510Kb / 7P
   Amplifier, -40 to 10 dBm Pin, SMA
logo
Transcom, Inc.
TA100-160-32-20 TRANSCOM-TA100-160-32-20 Datasheet
17Kb / 1P
   10 - 16GHz 20 dBm Amplifier
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
   6 - 18GHz 20 dBm Amplifier
TA005-025-25-20 TRANSCOM-TA005-025-25-20 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 20 dBm Amplifier
logo
Pasternack Enterprises,...
PE71S6230 PASTERNACK-PE71S6230 Datasheet
425Kb / 5P
   SMA SPST PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up To 20 dBm
PE8017 PASTERNACK-PE8017 Datasheet
641Kb / 3P
   SMA PIN-PIN Limiter, 100 Watts Peak Power, 20 dBm Flat Leakage, 500 MHz to 1,000 MHz
logo
Broadcom Corporation.
DEMO-MGA-565P8 BOARDCOM-DEMO-MGA-565P8 Datasheet
312Kb / 12P
   20 dBm Psat High Isolation Buffer Amplifier
logo
Transcom, Inc.
TC1901 TRANSCOM-TC1901 Datasheet
110Kb / 3P
   2 - 20 GHz 20 dBm MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com