Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A6002 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part # PE15A6002
Description  Amplifier, -40 to 10 dBm Pin, SMA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A6002 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE15A6002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A6002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A6002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A6002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A6002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A6002 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A6002 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
TECHNICAL DATA SHEET
PE15A6002
PE15A6002 REV
60 dB Gain, 19 dBm, 1 GHz to 2 GHz, Limiting
Amplifier, -40 to 10 dBm Pin, SMA
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 dB Gain, 19 dBm, 1 GHz to 2 GHz, Limiting Amplifier, -40 to 10 dBm Pin, SMA PE15A6002
URL: http://www.pasternack.com/60-db-gain-2-ghz-limiting-amplifier-40-10-dbm-pin-sma-pe15a6002-p.aspx


Similar Part No. - PE15A6002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A6007 PASTERNACK-PE15A6007 Datasheet
510Kb / 7P
   Amplifier, -40 to 10 dBm Pin, SMA
PE15A6008 PASTERNACK-PE15A6008 Datasheet
513Kb / 7P
   Amplifier, -20 to 20 dBm Pin, SMA
More results

Similar Description - PE15A6002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A6007 PASTERNACK-PE15A6007 Datasheet
510Kb / 7P
   Amplifier, -40 to 10 dBm Pin, SMA
PE15A6012 PASTERNACK-PE15A6012 Datasheet
512Kb / 7P
   Amplifier, -20 to 20 dBm Pin, SMA
PE15A6008 PASTERNACK-PE15A6008 Datasheet
513Kb / 7P
   Amplifier, -20 to 20 dBm Pin, SMA
logo
Transcom, Inc.
TA100-120-15-10 TRANSCOM-TA100-120-15-10 Datasheet
17Kb / 1P
   10 - 12GHz 10 dBm Amplifier
TA053-059-41-40 TRANSCOM-TA053-059-41-40 Datasheet
16Kb / 1P
   5.3 - 5.9 GHz 40 dBm Amplifier
TA100-160-32-20 TRANSCOM-TA100-160-32-20 Datasheet
17Kb / 1P
   10 - 16GHz 20 dBm Amplifier
logo
Pasternack Enterprises,...
PE71S6230 PASTERNACK-PE71S6230 Datasheet
425Kb / 5P
   SMA SPST PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up To 20 dBm
PE15A5036 PASTERNACK-PE15A5036 Datasheet
680Kb / 7P
   40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5036F PASTERNACK-PE15A5036F Datasheet
738Kb / 8P
   40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
logo
Transcom, Inc.
TA020-100-30-15 TRANSCOM-TA020-100-30-15 Datasheet
16Kb / 1P
   2 - 10 GHz 15 dBm Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com