Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3358-S Datasheet(PDF) 1 Page - NEC

Part # 2SK3358-S
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3358-S Datasheet(HTML) 1 Page - NEC

  2SK3358-S Datasheet HTML 1Page - NEC 2SK3358-S Datasheet HTML 2Page - NEC 2SK3358-S Datasheet HTML 3Page - NEC 2SK3358-S Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1999
MOS FIELD EFFECT TRANSISTOR
2SK3358
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
PRELIMINARY DATA SHEET
Document No.
D14322EJ1V0DS00 (1st edition)
Date Published
April 2000 NS CP(K)
Printed in Japan
DESCRIPTION
The 2SK3358 is N-Channel MOS Field Effect Transistor
designed for high current switching applications.
FEATURES
• Low on-state resistance
RDS(on)1 = 30 m
Ω MAX. (VGS = 10 V, ID = 28 A)
RDS(on)2 = 40 m
Ω MAX. (VGS = 4.5 V, ID = 20 A)
• Low Ciss: Ciss = 3200 pF TYP.
• Built-in gate protection diode
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Drain to Source Voltage (VGS = 0 V)
VDSS
100
V
Gate to Source Voltage (VDS = 0 V)
VGSS(AC)
±20
V
Gate to Source Voltage (VDS = 0 V)
VGSS(DC)
+20,
−10
V
Drain Current (DC)
ID(DC)
±55
A
Drain Current (Pulse)
Note1
ID(pulse)
±165
A
Total Power Dissipation (TC = 25°C)
PT
100
W
Total Power Dissipation (TA = 25°C)
PT
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note2
IAS
39
A
Single Avalanche Energy
Note2
EAS
152
mJ
Notes 1. PW
≤ 10
µs, Duty cycle ≤ 1 %
2. Starting Tch = 25 °C, RG = 25
Ω, VGS = 20 V
→ 0 V
THERMAL RESISTANCE
Channel to Case
Rth(ch-C)
1.25
°C/W
Channel to Ambient
Rth(ch-A)
83.3
°C/W
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3358
TO-220AB
2SK3358-S
TO-262
2SK3358-Z
TO-220SMD
5
5
The mark 5
5
5
5 shows major revised points.
5
(TO-220AB)
(TO-262)
(TO-220SMD)


Similar Part No. - 2SK3358-S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3351 SANYO-2SK3351 Datasheet
55Kb / 4P
   N CHANNEL MOS SILICON TRANSISTOR
2SK3351 SANYO-2SK3351_1 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET DC / DC Converter Applications
2SK3352 SANYO-2SK3352 Datasheet
25Kb / 2P
   P- Channel Silicon MOS FET DC-DC Converter
2SK3352 SANYO-2SK3352 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
logo
Inchange Semiconductor ...
2SK3352B ISC-2SK3352B Datasheet
400Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - 2SK3358-S

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com