Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A4008 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE15A4008
Description  Power High Gain Amplifier, 3.5 dB NF, SMA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A4008 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A4008 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A4008 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A4008 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A4008 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A4008 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A4008 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
PE15A4008 is a 1 W X-band high gain coaxial power amplifier in the 8 to 12 GHz frequency range. The amplifier offers 30
dBm of P1db (min) and 41 dB (min) small signal gain with the excellent gain flatness of ±1.0 dB. This performance is achieved
through using hybrid MIC design and advanced GaAs PHEMT devices. The amplifier requires typically a +12V DC power
supply. The connectorized SMA module is unconditionally stable and includes built-in voltage regulation, bias sequencing, and
reverse bias protection for added reliability. The amplifier operates over the temperature range of -30°C and +70°C.
Features
8.0 GHz to 12 GHz Frequency Range
High P1dB Output Power: 30 dBm
Small Signal Gain: 41 dB min
Gain Flatness: ±1 dB
Noise Figure: 3.5 dB
50 Ohms input and output matched
-30 to +70°C Operating Temperature
Unconditionally Stable
Regulated Supply & Bias Sequencing
Hermetically Sealed Module
Overvoltage External Protection for Easy Repair
Applications
Telecom Infrastructure
Test Instrumentation
Fixed Microwave Backhaul
Military & Space
Radar Systems
Communication Systems
Microwave Radio Systems
Satellite Communication
Commercial Avionics
Driver Amplifier
High Power Output Amplifier
Electrical Specifications (TA = +25°C, DC Voltage = 12Volts, DC Current = 1,200mA)
Description
Minimum
Typical
Maximum
Units
Frequency Range
8
12
GHz
Small Signal Gain
41
dB
Gain Flatness
±1
±1.5
dB
Saturation Output Power
+31
dBm
Output at 1 dB Compression Point
+30
dBm
Noise Figure
3.5
4
dB
Input VSWR
2:1
Output VSWR
2:1
Operating DC Voltage
12
Volts
Operating DC Current
1,200
1,300
mA
Operating Temperature Range
-30
+70
°C
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 41 dB Gain, 1 Watt, 8 GHz to 12 GHz, Medium Power High Gain Amplifier, 3.5 dB NF, SMA
PE15A4008
PE15A4008
PE15A4008 REV
41 dB Gain, 1 Watt, 8 GHz to 12 GHz, Medium
Power High Gain Amplifier, 3.5 dB NF, SMA


Similar Part No. - PE15A4008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4001 PASTERNACK-PE15A4001 Datasheet
479Kb / 6P
   Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB NF, SMA
PE15A4001 PASTERNACK-PE15A4001_17 Datasheet
479Kb / 6P
   TECHNICAL DATA SHEET
PE15A4002 PASTERNACK-PE15A4002 Datasheet
481Kb / 6P
   Amplifier, 33 dB Gain, 39 dBm IP3, 6 dB NF, SMA
PE15A4003 PASTERNACK-PE15A4003 Datasheet
479Kb / 6P
   Amplifier, 32 dB Gain, 42 dBm IP3, 5 dB NF, SMA
PE15A4004 PASTERNACK-PE15A4004 Datasheet
480Kb / 6P
   Amplifier, 38 dB Gain, 39 dBm IP3, 5 dB NF, SMA
More results

Similar Description - PE15A4008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5003 PASTERNACK-PE15A5003 Datasheet
478Kb / 6P
   Power High Gain Amplifier, 3.5 dB NF, SMA
PE15A4010 PASTERNACK-PE15A4010 Datasheet
502Kb / 6P
   Power High Gain Amplifier, 2 dB NF, SMA
PE15A5002 PASTERNACK-PE15A5002 Datasheet
483Kb / 6P
   Power High Gain Amplifier, 4 dB NF, SMA
PE15A3503 PASTERNACK-PE15A3503 Datasheet
488Kb / 6P
   High Gain Amplifier, 39 dBm IP3, 5 dB NF, SMA
PE15A3507 PASTERNACK-PE15A3507 Datasheet
479Kb / 6P
   High Gain Amplifier, 39 dBm IP3, 6 dB NF, SMA
PE15A4001 PASTERNACK-PE15A4001 Datasheet
479Kb / 6P
   Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB NF, SMA
PE15A4002 PASTERNACK-PE15A4002 Datasheet
481Kb / 6P
   Amplifier, 33 dB Gain, 39 dBm IP3, 6 dB NF, SMA
PE15A5042 PASTERNACK-PE15A5042 Datasheet
431Kb / 5P
   42 dB Gain, 18 Watt Psat, 860 MHz to 960 MHz, High Power High Gain Amplifier, 55 dBm IP3, 3.5 dB NF, SMA
PE15A4004 PASTERNACK-PE15A4004 Datasheet
480Kb / 6P
   Amplifier, 38 dB Gain, 39 dBm IP3, 5 dB NF, SMA
PE15A5039 PASTERNACK-PE15A5039 Datasheet
428Kb / 4P
   42 dB Gain, 25 Watt P1dB, 860 MHz to 960 MHz, High Power High Gain Amplifier, 58 dBm IP3, 3.5 dB NF, SMA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com