Electronic Components Datasheet Search |
|
LM361HNOPB Datasheet(PDF) 2 Page - Texas Instruments |
|
LM361HNOPB Datasheet(HTML) 2 Page - Texas Instruments |
2 / 17 page LM161, LM361 SNOSBJ5C – MAY 1999 – REVISED MARCH 2013 www.ti.com LOGIC DIAGRAM *Output is low when current is drawn from strobe pin. These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) Positive Supply Voltage, V+ +16V Negative Supply Voltage, V− −16V Gate Supply Voltage, VCC +7V Output Voltage +7V Differential Input Voltage ±5V Input Common Mode Voltage ±6V Power Dissipation 600 mW Storage Temperature Range −65°C to +150°C Operating Temperature Range TMIN TMAX LM161 −55°C to +125°C −25°C to +85°C LM361 0°C to +70°C Lead Temp. (Soldering, 10 seconds) 260°C For Any Device Lead Below V− 0.3V (1) The device may be damaged by use beyond the maximum ratings. Operating Conditions Min Typ Max LM161 5V 15V Supply Voltage V+ LM361 5V 15V LM161 −6V −15V Supply Voltage V− LM361 −6V −15V LM161 4.5V 5V 5.5V Supply Voltage VCC LM361 4.75V 5V 5.25V ESD Tolerance (1) 1600V PDIP Package Soldering (10 seconds)(2) 260°C SOIC Package Vapor Phase (60 215°C Soldering Information(2) seconds) Infrared (15 seconds) 220°C (1) Human body model, 1.5 k Ω in series with 100 pF. (2) See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices. 2 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM161 LM361 |
Similar Part No. - LM361HNOPB |
|
Similar Description - LM361HNOPB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |