Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM361 Datasheet(PDF) 6 Page - Texas Instruments

Part No. LM361
Description  LM161/LM361 High Speed Differential Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM361 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM361 Datasheet HTML 2Page - Texas Instruments LM361 Datasheet HTML 3Page - Texas Instruments LM361 Datasheet HTML 4Page - Texas Instruments LM361 Datasheet HTML 5Page - Texas Instruments LM361 Datasheet HTML 6Page - Texas Instruments LM361 Datasheet HTML 7Page - Texas Instruments LM361 Datasheet HTML 8Page - Texas Instruments LM361 Datasheet HTML 9Page - Texas Instruments LM361 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LM161, LM361
SNOSBJ5C – MAY 1999 – REVISED MARCH 2013
www.ti.com
AC TEST CIRCUIT
VIN = ±50 mV
FANOUT = 1
FANOUT = 4
V=
−10V
C=15 pF
C = 30 pF
V+ = +10V
R = 2.4k
R = 680
Ω
VCC = 5.25V
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM161 LM361


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn