Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R16A12VB1 Datasheet(PDF) 2 Page - Productwell Precision Elect.CO.,LTD

Part No. R16A12VB1
Description  Ideal for all type of audio products.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Homepage  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

R16A12VB1 Datasheet(HTML) 2 Page - Productwell Precision Elect.CO.,LTD

  R16A12VB1_14 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD R16A12VB1_14 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Total resistance tolerance [ 全阻抗值容許差 ]
±20%
Ratings power(w) [ 額定功率 ]
0.05W
Resistance taper [ 阻抗變化特性 ]
A,B, *C,D,W
Residual resistance [殘留阻值]
30K
ΩMax.
Sliding noise [滑動雜音]
100mV Max.
Withstanding voltage [耐電壓]
1 minute at AC 300V
Gang error [連動誤差]
-40dB ~ 0dB ±3dB Max.
Insulation resistance [絕緣阻抗]
100M
Ω Min. at DC 100V.
Max. operating voltage [最高使用電壓]
50V AC 20V DC
Mechanical Characteristics [ 机械性能 ]
Operation torque [ 回轉力矩 ]
20~250gf . cm
Rotation stopper strength [ 止動強度 ]
2.0Kgf . cm Min.
Total rotational angle [回轉角度]
300±5°
Center decent force [
掣子脫出力矩]
50~300gf.cm
Endurance Characteristics [ 耐久性能 ]
Rotational life [
回轉壽命 ]
More than10,000 cycles
Http://www.productwell.com E-Mail: pwltw@productwell.com
TEL: 0769-81353212
FAX: 0769-81353211


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn