Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH7220 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH7220
Description  LMH7220 High Speed Comparator with LVDS Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH7220 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH7220 Datasheet HTML 3Page - Texas Instruments LMH7220 Datasheet HTML 4Page - Texas Instruments LMH7220 Datasheet HTML 5Page - Texas Instruments LMH7220 Datasheet HTML 6Page - Texas Instruments LMH7220 Datasheet HTML 7Page - Texas Instruments LMH7220 Datasheet HTML 8Page - Texas Instruments LMH7220 Datasheet HTML 9Page - Texas Instruments LMH7220 Datasheet HTML 10Page - Texas Instruments LMH7220 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LMH7220
www.ti.com
SNOSAL3E – SEPTEMBER 2006 – REVISED MAY 2013
+2.7V DC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits specified for TJ = 25°C, VCM = 300 mV, −50 mV < VID < +50 mV and RL = 100Ω.
Boldface limits apply at the temperature extremes.
(1)
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
IB
Input Bias Current
VIN Differential = 0
−5
−1.3
−0.5
µA
−7
IOS
Input Offset Current
VIN Differential = 0
−500
+500
nA
TC IOS
Input Offset Current TC
VIN Differential = 0
±2
nA/°C
VOS
Input Offset Voltage
−9.5
+9.5
mV
TC VOS
Input Offset Voltage TC
± 50
μV/°C
VRI
Input Voltage Range
CMRR > 50 dB
−0.2
VCC−2
V
CMRR
Common-Mode Rejection Ratio
VCM = 0 to VCC−2.2V
56
70
dB
PSRR
Power Supply Rejection Ratio
63
74
dB
AV
Open Loop Gain
59
dB
VO
Output Offset Voltage
VIN Differential = 50 mV
1125
1213
1325
mV
ΔVO
VO Change Between ‘0’ and ‘1’
VIN Differential = ± 50 mV
−25
+25
mV
VOH
Output Voltage High
VIN Differential = 50 mV
1370
1475
mV
Average of ‘0’ to ‘1’
VOL
Output Voltage Low
VIN Differential = 50 mV
925
1060
mV
Average of ‘0’ to ‘1’
VOD
Output Voltage Differential
VIN Differential = 50 mV
250
315
400
mV
ΔVOD
VOD Change between ‘0’ to ‘1’
VIN Differential = ±50 mV
−25
+25
mV
ISC
Short Circuit Current Output to GND
OUT Q to GND Pin
5
Pin (3)
VIN Differential = 50 mV
OUT Q to GND Pin
5
mA
VIN Differential = 50 mV
Output Shorted Together (3)
OUT Q to OUT Q
5
VIN Differential = 50 mV
IS
Supply Current
Load Current Excluded
6.6
9
mA
VIN Differential = 50 mV
12.6
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH7220


Similar Part No. - LMH7220

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH7220 NSC-LMH7220 Datasheet
867Kb / 19P
   High Speed Comparator with LVDS Output
LMH7220 NSC-LMH7220 Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
LMH7220 NSC-LMH7220 Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
LMH7220MG NSC-LMH7220MG Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
LMH7220MG NSC-LMH7220MG Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
More results

Similar Description - LMH7220

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH7220 NSC-LMH7220 Datasheet
867Kb / 19P
   High Speed Comparator with LVDS Output
LMH7220 NSC-LMH7220_08 Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
LMH7220_0805 NSC-LMH7220_0805 Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
logo
Maxim Integrated Produc...
MAX40025C MAXIM-MAX40025C Datasheet
640Kb / 17P
   280ps High-Speed Comparator, Ultra-Low Dispersion with LVDS Outputs
Rev 2; 1/19
logo
Texas Instruments
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
[Old version datasheet]   TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
logo
Maxim Integrated Produc...
MAX40025A MAXIM-MAX40025A Datasheet
615Kb / 17P
   280ps High-Speed Comparator, Ultra-Low Dispersion with LVDS Outputs
2019
logo
Texas Instruments
TLV3801-Q1 TI-TLV3801-Q1 Datasheet
2Mb / 27P
[Old version datasheet]   TLV3801-Q1 225-ps High-Speed Comparator with LVDS Outputs
OCTOBER 2022
TLV3801 TI-TLV3801_V01 Datasheet
2Mb / 32P
[Old version datasheet]   TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
REVISED OCTOBER 2022
TLV3604 TI-TLV3604_V01 Datasheet
1Mb / 27P
[Old version datasheet]   TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
logo
Linear Technology
LTC6754 LINER-LTC6754 Datasheet
1Mb / 22P
   High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com