Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3700 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3700
Description  Window Comparator for Over- and Undervoltage Detection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3700 Datasheet(HTML) 3 Page - Texas Instruments

  TPS3700 Datasheet HTML 1Page - Texas Instruments TPS3700 Datasheet HTML 2Page - Texas Instruments TPS3700 Datasheet HTML 3Page - Texas Instruments TPS3700 Datasheet HTML 4Page - Texas Instruments TPS3700 Datasheet HTML 5Page - Texas Instruments TPS3700 Datasheet HTML 6Page - Texas Instruments TPS3700 Datasheet HTML 7Page - Texas Instruments TPS3700 Datasheet HTML 8Page - Texas Instruments TPS3700 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPS3700
www.ti.com
SBVS187C – FEBRUARY 2012 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS
Over the operating temperature range of TJ = –40°C to +125°C, and 1.8 V < VDD < 18 V, unless otherwise noted.
Typical values are at TJ = +25°C and VDD = 5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage range
1.8
18
V
V(POR)
Power-on reset voltage(1)
VOL (max) = 0.2 V, I(OUT) = 15 µA
0.8
V
VDD = 1.8 V
396
400
404
mV
VITP
Positive-going input threshold voltage
VDD = 18 V
396
400
404
mV
VDD = 1.8 V
387
394.5
400
mV
VITN
Negative-going input threshold voltage
VDD = 18 V
387
394.5
400
mV
VHYS
Hysteresis voltage (HYS = VITP – VITN)
5.5
12
mV
VDD = 1.8 V and 18 V, VIN = 6.5 V
–25
1
25
nA
IIN
Input current (at IN pin)
VDD = 1.8 V and 18 V, VIN = 0.1 V
–15
1
15
nA
VDD = 1.3 V, IOUT = 0.4 mA
250
mV
VOL
Low-level output voltage
VDD = 1.8 V, IOUT = 3 mA
250
mV
VDD = 5 V, IOUT = 5 mA
250
mV
VDD = 1.8 V and 18 V, VOUT = VDD
300
nA
Ilkg(OD)
Open-drain output leakage current
VDD = 1.8 V, VOUT = 18 V
300
nA
VDD = 5 V, 10-mV input overdrive,
tpd(HL)
High-to-low propagation delay(2)
18
µs
RL = 10 kΩ, VOH = 0.9 × VDD, VOL = 400 mV
VDD = 5 V, 10-mV input overdrive,
tpd(LH)
Low-to-high propagation delay(2)
29
µs
RL = 10 kΩ, VOH = 0.9 × VDD, VOL = 400 mV
VDD = 5 V, 10-mV input overdrive,
tR
Output rise time
2.2
µs
RL = 10 kΩ, VO = (0.1 to 0.9) × VDD
VDD = 5 V, 10-mV input overdrive,
tF
Output fall time
0.22
µs
RL = 10 kΩ, VO = (0.1 to 0.9) × VDD
VDD = 1.8 V, no load
5.5
11
µA
VDD = 5 V
6
13
µA
IDD
Supply current
VDD = 12 V
6
13
µA
VDD = 18 V
7
13
µA
Startup delay(3)
150
µs
UVLO
Undervoltage lockout(4)
VDD falling
1.3
1.7
V
(1)
The lowest supply voltage (VDD) at which output is active; tr(VDD) > 15 µs/V. Below V(POR), the output cannot be determined.
(2)
High-to-low and low-to-high refers to the transition at the input pins (INA+ and INB–).
(3)
During power on, VDD must exceed 1.8 V for at least 150 µs before the output is in a correct state.
(4)
When VDD falls below UVLO, OUTA is driven low and OUTB goes to high impedance. The outputs cannot be determined below V(POR).
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS3700


Similar Part No. - TPS3700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI-TPS3700 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
More results

Similar Description - TPS3700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TPS3701 TI-TPS3701_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
TPS3700 TI-TPS3700_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
Linear Technology
LTC1042 LINER-LTC1042 Datasheet
576Kb / 8P
   Window Comparator
LTC1042 LINER-LTC1042_09 Datasheet
172Kb / 8P
   Window Comparator
LTC1042 LINER-LTC1042_15 Datasheet
123Kb / 8P
   Window Comparator
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
   POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com