Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRC02ZO Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRC02ZO
Description  Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRC02ZO Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRC02ZO Datasheet HTML 1Page - NIC-Components Corp. NRC02ZO Datasheet HTML 2Page - NIC-Components Corp. NRC02ZO Datasheet HTML 3Page - NIC-Components Corp. NRC02ZO Datasheet HTML 4Page - NIC-Components Corp. NRC02ZO Datasheet HTML 5Page - NIC-Components Corp. NRC02ZO Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Thick Film Chip Resistors
NRC Series
FEATURES
• EIA STANDARD SIZING 01005(1/32W), 0201(1/20W), 0402(1/16W), 0603(1/10W),
0805(1/8W), 1206(1/4W), 1210(1/3W), 2010(3/4W) AND 2512(1W)
• METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET)
PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
• DOUBLE GLASS OVERCOAT ASSURES STRONG MECHANICAL ..CONTRUCTION
AND LONG LIFE, NICKEL BARRIER PREVENTS LEACHING
• BOTH FLOW SOLDER AND REFLOW SOLDERING ARE APPLICABLE
• ZERO OHM (JUMPER) CHIP AND TRIMMABLE TYPE ARE AVAILABLE *4
Type
EIA
Size
Power Rating
at 70°C
Max.*1
Working
Voltage
Max.*2
Overload
Voltage
Resistance
Tolerance
(Code)
Temperature
Coefficient
(ppm/°C)
Resistance
Range
(
Ω)
Resistance
Value
Operating
Temperature
Range (°C)
NRC01
01005 1/32 (0.031) W
15V
30V
±1% (F)
±300
10 ~ 91
E-24,E-96
-55 ~ +125
±1% (F)
±200
100 ~ 1.62M
E-24,E-96
±5% (J)
+600/-200
1.0 ~ 9.1
E-24
±5% (J)
±300
10 ~ 91
E-24
±5% (J)
±200
100 ~ 10M
E-24
NRC02
0201 1/20 (0.05) W
25V
50V
±1% (F)
+600/-200
1.0 ~ 9.96
E-24,E-96
-55 ~ +125
±1% (F)
±200
10 ~ 10M
E-24,E-96
±5% (J)
+600/-200
1.0 ~ 9.1
E-24
±5% (J)
±200
10 ~ 10M
E-24
±10% (K)
E-12
NRC04
0402 1/16 (0.063) W
50V
100V
±1% (F)
+500/-200
1.0 ~ 9.96
E-24,E-96
-55 ~ +155
±1% (F)
±100
10 ~ 1M
E-24,E-96
±1% (F)
±300
1.02M ~ 10M
E-24,E-96
±5% (J)
±200
10 ~ 1M
E-24
±5% (J)
±350
1.0 ~ 9.1 & 1.1M ~ 10M *3
E-24
NRC06
0603 1/10 (0.10) W
50V
100V
±1% (F)
±400
1.0 ~ 9.96
E-24,E-96
-55 ~ +155
±1% (F)
±100
33.2 ~ 1M
E-24,E-96
±1% (F)
±200
10 ~ 32.4 & 1.1M ~ 10M *3
E-24,E-96
±5% (J)
±200
10 ~ 1M
E-24
±5% (J)
±350
1.0 ~ 9.1 & 1.1M ~ 10M *3
E-24
NRC10
0805 1/8 (0.125) W
150V
300V
±1% (F)
±400
1.0 ~ 9.96
E-24,E-96
-55 ~ +155
±1% (F)
±100
33.2 ~ 1M
E-24,E-96
±1% (F)
±200
10 ~ 32.4 & 1.1M ~ 10M *3
E-24,E-96
±5% (J)
±200
10 ~ 1M
E-24
±5% (J)
±350
1.0 ~ 9.1 & 1.1M ~ 10M *3
E-24
NRC12
1206 1/4 (0.250) W
200V
400V
±1% (F)
±400
1.0 ~ 9.96
E-24,E-96
±1% (F)
±100
33.2 ~ 1M
E-24,E-96
±1% (F)
±200
10 ~ 32.4 & 1.1M ~ 10M *3
E-24,E-96
±5% (J)
±200
10 ~ 1M
E-24
±5% (J)
±350
1.0 ~ 9.1 & 1.1M ~ 10M *3
E-24
NRC25
1210
1/3 (0.33) W
200V
400V
±1% (F)
±100
10 ~ 1M
E-24,E-96
±5% (J)
±200
E-24
±5% (J)
±350
1.0 ~ 9.1 & 1.1M ~ 10M *3
E-24
NRC50
2010
3/4 (0.75) W
200V
400V
±1% (F)
±100
10 ~ 1M
E-24,E-96
±5% (J)
±250
E-24
±350
1.0 ~ 9.1 & 1.1M ~ 10M *3
E-24
NRC100
2512
1W
250V
500V
±1% (F)
±100
10 ~ 1M
E-24,E-96
±250
2.0 ~ 9.76 *3
±350
1.0 ~ 1.96 *3
±5% (J)
±250
10 ~ 1M
E-24
±350
1.0 ~ 9.1 *3
NRC01ZO 01005
Zero Ohm Jumper
Rated Current 0.5A (0.05
Ω max. DC Resistance)
-55 ~ +125
NRC02ZO
0201
Rated Current 0.5A (0.05
Ω max. DC Resistance)
NRC04ZO
0402
Rated Current 1.0A (0.05
Ω max. DC Resistance)
-55 ~ +155
NRC06ZO
0603
Rated Current 1.0A (0.05
Ω max. DC Resistance)
NRC10ZO
0805
Rated Current 2.0A (0.05
Ω max. DC Resistance)
NRC12ZO
1206
Rated Current 2.0A (0.05
Ω max. DC Resistance)
NRC25ZO
1210
Rated Current 2.0A (0.05
Ω max. DC Resistance)
NRC50ZO
2010
Rated Current 2.0A (0.05
Ω max. DC Resistance)
NRC100ZO 2512
Rated Current 2.0A (0.05
Ω max. DC Resistance)
NEW
01005
Case Sizes


Similar Part No. - NRC02ZO

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRC02ZO NIC-NRC02ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC02ZO NIC-NRC02ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC02ZO NIC-NRC02ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC02ZO NIC-NRC02ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
logo
List of Unclassifed Man...
NRC02ZO ETC-NRC02ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
More results

Similar Description - NRC02ZO

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com