Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7325R-TE1 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU7325R-TE1
Description  Single-phase DC Brushless Motor Driver IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7325R-TE1 Datasheet(HTML) 1 Page - New Japan Radio

  NJU7325R-TE1 Datasheet HTML 1Page - New Japan Radio NJU7325R-TE1 Datasheet HTML 2Page - New Japan Radio NJU7325R-TE1 Datasheet HTML 3Page - New Japan Radio NJU7325R-TE1 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NJU7325
- 1 -
Single-phase DC Brushless Motor Driver IC
GENERALDESCRIPTION
PACKAGE OUTLINE
FEATURES
• Single Supply
• Operating Voltage
VDD=2.4 to 5.5V
• Low Operating Current
• Low Saturation Output Voltage
Vsat=
±0.35V @Io=±250mA
• CMOS Technology
• Package Outline
MSOP8 (VSP8)*, MSOP8 (TVSP8)**, DFN8-V1(ESON8-V1)
*MEET JEDEC MO-187-DA, **MEET JEDEC MO-187-DA / THIN TYPE
BLOCK DIAGRAM
The NJU7325 is a dual power amplifier designed for small
actuator applications. It incorporates MOS-FET transistor in
the output stage which can offer a low saturation output
voltage in high current operation. The NJU7325 is available
in small and thin surface mount packages MSOP8 (VSP8),
MSOP8 (TVSP8) and ESON8-V1, which provides
downsizing and thinning in motor applications.
4
2
3
8
5
6
1
7
-
+
+
-
Ach
Bch
NJU7325KV1
(DFN8-V1(ESON8-V1))
NJU7325R
(MSOP8(VSP8))
NJU7325RB1
(MSOP8(TVSP8))


Similar Part No. - NJU7325R-TE1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJU7325 ETC-NJU7325 Datasheet
58Kb / 3P
   Single-Phase DC Brushless Motor Driver IC
More results

Similar Description - NJU7325R-TE1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
   Single-phase DC Brushless Motor Driver IC
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
   Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
   SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
   Single-phase DC Brushless Motor Driver IC
NJU7327 NJRC-NJU7327 Datasheet
188Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7365 NJRC-NJU7365 Datasheet
68Kb / 6P
   Single-phase DC Brushless Motor Driver IC
logo
List of Unclassifed Man...
NJU7325 ETC-NJU7325 Datasheet
58Kb / 3P
   Single-Phase DC Brushless Motor Driver IC
logo
New Japan Radio
NJU7329A NJRC-NJU7329A Datasheet
132Kb / 9P
   Single-phase DC Brushless Motor Driver IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com