Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3421S Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 2N3421S
Description  NPN MEDIUM POWER SILICON TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3421S Datasheet(HTML) 4 Page - Microsemi Corporation

  2N3421S Datasheet HTML 1Page - Microsemi Corporation 2N3421S Datasheet HTML 2Page - Microsemi Corporation 2N3421S Datasheet HTML 3Page - Microsemi Corporation 2N3421S Datasheet HTML 4Page - Microsemi Corporation 2N3421S Datasheet HTML 5Page - Microsemi Corporation 2N3421S Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
T4-LDS-0192-1, Rev. 1 (111684)
©2011 Microsemi Corporation
Page 4 of 6
2N3418S thru 2N3421S
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted) continued
SWITCHING CHARACTERISTICS
Parameters / Test Conditions (for all symbols)
Symbol
Min.
Max.
Unit
Delay Time
Rise Time
VBE(off) = -3.7 V,
IC = 1.0 A, IB1 = 100 mA
td
tr
0.08
0.22
µs
Storage Time
Fall Time
VBE(off) = -3.7 V,
IC = 1.0 A, IB2 = -100 mA
ts
tf
1.10
0.20
µs
Turn-Off Time
VBE(off) = -3.7 V, IC = 1.0 A,
IB2 = -100 mA, RL = 20
toff
1.20
µs
SAFE OPERATING AREA (See graph below and reference MIL-STD-750, method 3053)
DC Test
TC = +100 °C, 1 cycle, t > 1.0 s
Test 1
VCE = 5.0 V, IC = 3.0 A
Test 2
VCE = 37 V, IC = 0.4 A
Test 3
VCE = 60 V, IC = 0.185 A
VCE = 80 V, IC = 0.12 A
2N3418S, 2N3420S
2N3419S, 2N3421S
Clamped Switching
TA = +25 °C, IB = 0.5 A, IC = 3.0 A
COLLECTOR TO EMITTER VOLTAGE VCE (VOLTS)
Maximum Safe Operating Area (continuous dc)


Similar Part No. - 2N3421S

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2N3421S MA-COM-2N3421S Datasheet
484Kb / 4P
   NPN Medium Power Silicon Transistor
logo
Microsemi Corporation
2N3421S MICROSEMI-2N3421S Datasheet
50Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR
2N3421SJAN MICROSEMI-2N3421SJAN Datasheet
55Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/393
2N3421SJANTX MICROSEMI-2N3421SJANTX Datasheet
55Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/393
2N3421SJANTXV MICROSEMI-2N3421SJANTXV Datasheet
55Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/393
More results

Similar Description - 2N3421S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
   NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3441 SEME-LAB-2N3441 Datasheet
13Kb / 2P
   MEDIUM POWER SILICON NPN TRANSISTOR
logo
STMicroelectronics
BUV26 STMICROELECTRONICS-BUV26 Datasheet
62Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
BUV26 STMICROELECTRONICS-BUV26_03 Datasheet
57Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
logo
Microsemi Corporation
2N1483 MICROSEMI-2N1483 Datasheet
55Kb / 3P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
   Medium Power Transistor NPN silicon
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com