Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3418S Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N3418S
Description  NPN MEDIUM POWER SILICON TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3418S Datasheet(HTML) 3 Page - Microsemi Corporation

  2N3418S Datasheet HTML 1Page - Microsemi Corporation 2N3418S Datasheet HTML 2Page - Microsemi Corporation 2N3418S Datasheet HTML 3Page - Microsemi Corporation 2N3418S Datasheet HTML 4Page - Microsemi Corporation 2N3418S Datasheet HTML 5Page - Microsemi Corporation 2N3418S Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
T4-LDS-0192-1, Rev. 1 (111684)
©2011 Microsemi Corporation
Page 3 of 6
2N3418S thru 2N3421S
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
OFF CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Collector-Emitter Breakdown Current
V(BR)CEO
V
IC = 50 mA, IB = 0
2N3418S, 2N3420S
2N3419S, 2N3421S
60
80
Collector-Emitter Cutoff Current
ICEX
0.3
0.3
µA
VBE = -0.5 V, VCE = 80 V
VBE = -0.5 V, VCE = 120 V
2N3418S, 2N3420S
2N3419S, 2N3421S
Collector-Base Cutoff Current
VCE = 45 V, IB = 0
VCE = 60 V, IB = 0
2N3418S, 2N3420S
2N3419S, 2N3421S
ICEO
5.0
5.0
µA
Emitter-Base Cutoff Current
VEB = 6.0 V, IC = 0
VEB = 8.0 V, IC = 0
IEBO
0.5
10
µA
ON CHARACTERISTICS
(1)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Forward-Current Transfer Ratio
hFE
IC = 100 mA, VCE = 2.0 V
2N3418S, 2N3419S
2N3420S, 2N3421S
20
40
IC = 1.0 A, VCE = 2.0 V
2N3418S, 2N3419S
2N3420S, 2N3421S
20
40
60
120
IC = 2.0 A, VCE = 2.0 V
2N3418S, 2N3419S
2N3420S, 2N3421S
15
30
IC = 5.0 A, VCE = 5.0 V
2N3418S, 2N3419S
2N3420S, 2N3421S
10
15
Collector-Emitter Saturation Voltage
VCE(sat)
V
IC = 1.0 A, IB = 0.1 A
IC = 2.0 A, IB = 0.2 A
0.25
0.5
Base-Emitter Saturation Voltage
IC = 1.0 A, IB = 0.1 A
IC = 2.0 A, IB = 0.2 A
VBE(sat)
0.6
0.7
1.2
1.4
V
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Magnitude of Common Emitter Small-Signal Short Circuit
Forward Current Transfer Ratio
|hfe|
1.3
0.8
IC = 0.1 A, VCE = 10 V, f = 20 MHz
Output Capacitance
Cobo
pF
VCB = 10 V, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
150
NOTES: (1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.


Similar Part No. - 2N3418S

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2N3418S MA-COM-2N3418S Datasheet
484Kb / 4P
   NPN Medium Power Silicon Transistor
logo
Microsemi Corporation
2N3418S MICROSEMI-2N3418S Datasheet
50Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR
More results

Similar Description - 2N3418S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
   NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3441 SEME-LAB-2N3441 Datasheet
13Kb / 2P
   MEDIUM POWER SILICON NPN TRANSISTOR
logo
STMicroelectronics
BUV26 STMICROELECTRONICS-BUV26 Datasheet
62Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
BUV26 STMICROELECTRONICS-BUV26_03 Datasheet
57Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
logo
Microsemi Corporation
2N1483 MICROSEMI-2N1483 Datasheet
55Kb / 3P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
   Medium Power Transistor NPN silicon
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com