Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-073L Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-073L
Description  Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-073L Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-073L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-073L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-073L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-073L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-073L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-073L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-073L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-073L Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-073L Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Figure 1. Current transfer ratio vs. forward
current
Figure 3. Output current vs. input diode
forward current
Figure 5. Input diode forward current vs.
forward voltage
Figure 6. Forward voltage vs. temperature
Figure 2. Current transfer ratio vs. forward
current
Figure 4. Output current vs. input diode
forward current
Figure 7. Switching test circuit
IF - FORWARD CURRENT - mA
2000
1600
800
400
0.1
1.0
10
1200
0
VCC = 3.3 V
VO = 0.4 V
85°C
70°C
25°C
70°C
-40°C
IF - FORWARD CURRENT - mA
2500
2000
1000
500
0.1
1.0
10
1500
0
V CC = 5.0 V
V O = 0.4 V
TA = 25° C
TA = 0° C
TA = 70° C
TA = 85° C
TA = -40° C
IF - INPUT DIODE FORWARD CURRENT - mA
0.01
0.01
0.1
10
0.1
1.0
10
100
TA = 25° C
TA = 0° C
TA = 70° C
TA = 85° C
TA = -40° C
1
IF - INPUT DIODE FORWARD CURRENT - mA
100
10
0.1
0.1
1
10
1.0
TA = 85° C
TA = 25° C
TA = -40° C
VCC = 5.0 V
V O = 0.4 V
VF - FORWARD VOLTAGE - V
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
-
VF
+
TA = 25°C
TA = 0°C
IF
TA = 85°C
TA = 70°C
TA = -40°C
1.6
1.5
1.4
1.3
-60
-20
20
40
100
TA - TEMPERATURE - °C
60
80
0
-40
1.2
IF = 1.6 mA
V O
PULSE
GEN.
Z = 50 W
t = 5 ns
O
r
I MONITOR
F
IF
0.1 µF
L
R
CL = 15 pF*
R M
0
tPHL
tPLH
O
V
IF
OL
V
50%
50%
3.3 V
3.3 V
7
1
2
3
4
5
6
8
10% DUTY CYCLE
I/f < 100 µs
(SATURATED
RESPONSE)
tf
tr
O
V
(NON-SATURATED
RESPONSE)
3.3 V
90%
10%
90%
10%
* INCLUDES PROBE AND
FIXTURE CAPACITANCE


Similar Part No. - HCPL-073L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-073L HP-HCPL-073L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-073L AVAGO-HCPL-073L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
More results

Similar Description - HCPL-073L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
Fairchild Semiconductor
FOD070L FAIRCHILD-FOD070L Datasheet
352Kb / 17P
   LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
logo
Fairchild Semiconductor
FOD073L FAIRCHILD-FOD073L_09 Datasheet
291Kb / 12P
   LVTTL/LVCMOS Compatible Low Input Current High Gain Split Darlington Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com