Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-273L Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-273L
Description  Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-273L Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-273L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
*All typical values at TA = 25˚C, unless otherwise noted.
**The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable), your equip-
ment level safety specification or Avago Application Note 1074 entitled "Optocoupler Input-Output Endurance Voltage."
Notes:
1. Pin 5 should be the most negative voltage at the detector side.
2. Each channel.
3. DC CURRENT TRANSFER RATIO (CTR) is defined as the ratio of output collector current, IO, to the forward LED input current, IF, times 100%.
4. Device considered a two-terminal device: pins 1, 2, 3, and 4 shorted together, and pins 5, 6, 7, and 8 shorted together.
5. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.
6. Common mode transient immunity in a Logic High level is the maximum tolerable (positive) dVCM/dt of the common mode pulse, VCM, to as-
sure that the output will remain in a Logic High state (i.e., VO > 2.0 V). Common mode transient immunity in a Logic Low level is the
maximum tolerable (negative) dVCM/dt of the common mode pulse, VCM, to assure that the output will remain in a Logic Low state
(i.e., VO < 0.8 V).
7. In applications where dV/dt may exceed 50,000 V/µs (such as static discharge) a series resistor, RCC, should be included to protect the detector
IC from destructively high surge currents. The recommended value is RCC = 110 Ω.
8. Use of a 0.1 µF bypass capacitor connected between pins 5 and 8 adjacent to the device is recommended.
9. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage > 4500 V rms for 1 second (leakage detec-
tion current limit, II-O < 5 µA).
10. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage > 6000 V rms for 1 second (leakage detec-
tion current limit, II-O < 5 µA).
11. Measured between the LED anode and cathode shorted together and pins 5 through 8 shorted together.
12. Derate linearly above 65˚C free-air temperature at a rate of 2.3 mW/˚C for the SO-8 package.
Package Characteristics
Parameter
Sym.
Device HCPL-
Min.
Typ.* Max.
Units
Test Conditions
Fig.
Note
Input-Output
VISO
3750
V rms
RH ≤ 50%,
4, 9
Momentary
t = 1 min.,
Withstand
TA = 25˚C
Voltage**
Resistance
RI-O
1012
VI-O = 500 Vdc
4
(Input-Output)
RH ≤ 45%
Capacitance
CI-O
0.6
pF
f = 1 MHz
11
(Input-Output)
Input-Input
II-I
0.005
µA
RH ≤ 45%
5
Insulation
VI-I = 500 Vdc
Leakage Current
Input-Input
RI-I
1011
5
Insulation
Leakage Current
Capacitance
CI-I
270L
0.03
pF
5
(Input-Input)
273L
070L
0.25
073L


Similar Part No. - HCPL-273L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-273L HP-HCPL-273L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-273L AVAGO-HCPL-273L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
More results

Similar Description - HCPL-273L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
Fairchild Semiconductor
FOD070L FAIRCHILD-FOD070L Datasheet
352Kb / 17P
   LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
logo
Fairchild Semiconductor
FOD073L FAIRCHILD-FOD073L_09 Datasheet
291Kb / 12P
   LVTTL/LVCMOS Compatible Low Input Current High Gain Split Darlington Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com