Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT489QTA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # FZT489QTA
Description  30V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT489QTA Datasheet(HTML) 5 Page - Diodes Incorporated

  FZT489QTA Datasheet HTML 1Page - Diodes Incorporated FZT489QTA Datasheet HTML 2Page - Diodes Incorporated FZT489QTA Datasheet HTML 3Page - Diodes Incorporated FZT489QTA Datasheet HTML 4Page - Diodes Incorporated FZT489QTA Datasheet HTML 5Page - Diodes Incorporated FZT489QTA Datasheet HTML 6Page - Diodes Incorporated FZT489QTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FZT489
Document Number DS33134 Rev. 4 - 2
5 of 7
www.diodes.com
October 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FZT489
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)


Similar Part No. - FZT489QTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT489 ZETEX-FZT489 Datasheet
41Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FZT489 DIODES-FZT489 Datasheet
52Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FZT489 KEXIN-FZT489 Datasheet
364Kb / 1P
   NPN Transistors
FZT489 KEXIN-FZT489_15 Datasheet
364Kb / 1P
   NPN Transistors
logo
Diodes Incorporated
FZT489 DIODES-FZT489_15 Datasheet
789Kb / 7P
   30V NPN MEDIUM POWER TRANSISTOR IN SOT223
More results

Similar Description - FZT489QTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT491ATA DIODES-FZT491ATA Datasheet
212Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
FZT489 DIODES-FZT489_15 Datasheet
789Kb / 7P
   30V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT458TA DIODES-FZT458TA Datasheet
272Kb / 7P
   400V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
FZT491A DIODES-FZT491A Datasheet
28Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT489 DIODES-FZT489 Datasheet
52Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT491 DIODES-FZT491 Datasheet
52Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
List of Unclassifed Man...
FZT657TA ETC2-FZT657TA Datasheet
100Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FZT491A ZETEX-FZT491A Datasheet
22Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FZT657 DIODES-FZT657 Datasheet
100Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT493 DIODES-FZT493 Datasheet
52Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com