Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN332Z-3-05 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FN332Z-3-05
Description  Performance EMI Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN332Z-3-05 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FN332Z-3-05 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN332Z-3-05 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN332Z-3-05 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN332Z-3-05 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EMC/EMIProducts
SchaffnerGroup Datasheets 2014
Filter selectiontable
Filter
Rated current
Leakage current*
Inductance
Capacitance
Surge
Energy
Input/Output
Weight
@ 40 °C (25 °C)
@ 230 VAC/50 Hz
L
Cx
Cy current
absorption
connections
[A]
[μA]
[mH]
[nF]
[nF]
[A]
[J]
[g]
FN332-1-05
1 (1.2)
340
10
15
2.2
-05
65
FN332-3-05
3 (3.6)
340
2
15
2.2
-05
65
FN332-6-05
6 (7.3)
340
0.8
15
2.2
-05
65
FN332-10 A-05
10 (12)
340
0.5
15
2.2
-05
70
FN332Z-1-05
1 (1.2)
340
10
15
2.2
1200
26
-05
65
FN332Z-3-05
3 (3.6)
340
2
15
2.2
1200
26
-05
65
FN332Z-6-05
6 (7.3)
340
0.8
15
2.2
1200
26
-05
65
FN332Z-10-05
10 (12)
340
0.5
15
2.2
1200
26
-05
70
* Maximum leakage under normal operating conditions. Note: if the neutral line is interrupted, worst case leakage could reach twice this level.
Typical filter attenuation
Per CISPR 17; A = 50 Ω/50 Ω sym; B = 50 Ω/50 Ω asym; C = 0.1 Ω/100 Ω sym; D = 100 Ω/0.1 Ω sym
1 A types
3 and 6 A types
10 A types
2


Similar Part No. - FN332Z-3-05

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN332Z-3-05 SCHAFFNER-FN332Z-3-05 Datasheet
378Kb / 4P
   Performance EMI Filter
More results

Similar Description - FN332Z-3-05

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-332 SCHAFFNER-FN-332 Datasheet
378Kb / 4P
   Performance EMI Filter
FN-343 SCHAFFNER-FN-343 Datasheet
3Mb / 3P
   Performance EMI Filter
FN-9244 SCHAFFNER-FN-9244 Datasheet
3Mb / 6P
   Excellent Performance EMC/EMI Filter
FN-9226 SCHAFFNER-FN-9226 Datasheet
1Mb / 4P
   HF Performance EMC/EMI Filter
logo
List of Unclassifed Man...
FN9226-10-02 ETC2-FN9226-10-02 Datasheet
239Kb / 4P
   HF Performance EMC/EMI Filter
logo
Schaffner International...
FN-9233 SCHAFFNER-FN-9233 Datasheet
964Kb / 7P
   High Performance EMC/EMI Filter
logo
List of Unclassifed Man...
FN9233SR-3-06 ETC2-FN9233SR-3-06 Datasheet
348Kb / 6P
   High Performance EMC/EMI Filter
FN660-1-06 ETC2-FN660-1-06 Datasheet
527Kb / 4P
   Two-stage general performance EMI filter
logo
TE Connectivity Ltd
EC1 TEC-EC1 Datasheet
243Kb / 3P
   High Performance EMI Power Inlet Filter
AHV TEC-AHV Datasheet
3Mb / 26P
   THREE PHASE HIGH PERFORMANCE EMI FILTER
08/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com