Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

009051 Datasheet(PDF) 1 Page - ERNI Electronics

Part No. 009051
Description  Abgew. PCI Express STV 164pol
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

009051 Datasheet(HTML) 1 Page - ERNI Electronics

  009051 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8,03
14,9
89,5
daughter card layout
Layout proposal is in accordance with the PCI Express spezification
10
12,14
1,49
72,15
1,91 ±0,05
0,71
70 x 1 = 70
20°
1,57 across pads
view with dust cover
91,44 ±0,25
Detail contact area
A2
prior notice.
contact one of the ERNI companies
Date
10.06.2014
g
Index
PCIEXP
RT. Angle PCI Express 164 pins
Abgew. PCI Express STV 164pol.
284635
2:1
Information / Tolerances:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
min. 0,127 µm Au
009009
14,7
11,18
9,4
5,84
2,54
min. 0,127 µm Au
unless otherwise notes
Sofern nichts anderes angegeben /
Steckbereich
plating
contact area
2,54
16,69
2,54
min. 0,127 µm Au
009010
Dim "C"
Oberfläche
85 Ohm
009816
14,7
11,18
3,18
min. 0,8 µm Au
009716
14,7
11,18
3,18
min. 0,127 µm Au
009616
14,7
11,18
2,54
min. 0,8 µm Au
009516
14,7
11,18
2,54
min. 0,127 µm Au
009416
9,4
5,84
3,18
min. 0,8 µm Au
009316
9,4
5,84
3,18
min. 0,127 µm Au
009216
9,4
5,84
2,54
min. 0,8 µm Au
009116
9,4
5,84
2,54
min. 0,127 µm Au
100 Ohm
009071
20,3
16,69
3,18
min. 0,8 µm Au
009070
14,7
11,18
3,18
min. 0,8 µm Au
009069
9,4
5,84
3,18
min. 0,8 µm Au
009051
20,3
16,69
2,54
min. 0,8 µm Au
009049
9,4
5,84
2,54
min. 0,8 µm Au
009031
20,3
16,69
3,18
min. 0,127 µm Au
009030
14,7
11,18
3,18
min. 0,127 µm Au
009029
9,4
5,84
3,18
min. 0,127 µm Au
009012
14,7
11,18
2,54
min. 0,8 µm Au
009011
20,3
Ident.-Nr.
Part - No.
Maß "A"
Dim "A"
Maß "B"
Dim "B"
Maß "C"
.x
±0
.xx
±0,127
.xxx
±0,05
Offset von Führungssteg zu Referenzzapfen
Offset from guiding bar to reference peg
PIN 1
14,75
1,78
10
71,66
11,66
70
0,15
M 1:1
NOTES :
Material: LCP GF 30 schwarz
Material: LCP GF 30 black
Galvanik: min. 1,27 µm Unternickelung
über gesamten PIN - Bereich
Gold - Flash im Lötbereich
Plating: min. 1,27 µm Ni entire contact
Gold - Flash plating on contact tails
1.) Fertiglochdurchmesser
finished viadiameter (PTH)
Package: Tray ( 20 pcs. )
Connector printing / labeling:
according to drawing 294775
Mittellinie Leiterplatte
centerline of daughter card
15,24
XXXX_XX ERNI RC X
Datum
Date code (see notes)
89,5
A12
A82
Board hole pattern (component mounting side)
Lochbild für Leiterplatte ( Bestückungsseite)
B2
B1
A1
A2
B12
B82
1.)
70
1,35
3
10
73,15
1


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn