Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8SGR5 Datasheet(PDF) 1 Page - Texas Instruments

Part # COP8SGR5
Description  COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8SGR5 Datasheet(HTML) 1 Page - Texas Instruments

  COP8SGR5 Datasheet HTML 1Page - Texas Instruments COP8SGR5 Datasheet HTML 2Page - Texas Instruments COP8SGR5 Datasheet HTML 3Page - Texas Instruments COP8SGR5 Datasheet HTML 4Page - Texas Instruments COP8SGR5 Datasheet HTML 5Page - Texas Instruments COP8SGR5 Datasheet HTML 6Page - Texas Instruments COP8SGR5 Datasheet HTML 7Page - Texas Instruments COP8SGR5 Datasheet HTML 8Page - Texas Instruments COP8SGR5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
COP8SGE5, COP8SGE7, COP8SGH5
COP8SGK5, COP8SGR5, COP8SGR7
www.ti.com
SNOS516E – JANUARY 2000 – REVISED APRIL 2013
COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k
Memory, Two Comparators and USART
Check for Samples: COP8SGE5, COP8SGE7, COP8SGH5, COP8SGK5, COP8SGR5, COP8SGR7
1
KEY FEATURES
PERIPHERAL FEATURES
2345
• Low Cost 8-Bit Microcontroller
Multi-Input Wakeup Logic
Quiet Design (Low Radiated Emissions)
Three 16-bit timers (T1 — T3), each with two
16-bit registers supporting:
Multi-Input Wakeup Pins with Optional
Interrupts (8 pins)
Processor Independent PWM mode
Mask Selectable Clock Options
External Event Counter mode
Crystal Oscillator
Input Capture mode
Crystal Oscillator Option with On-Chip Bias
Idle Timer (T0)
Resistor
MICROWIRE/PLUS Serial Interface (SPI
External Oscillator
Compatible)
Internal R/C Oscillator
Full Duplex USART
Internal Power-On-Reset—User Selectable
Two Analog Comparators
WATCHDOG and Clock Monitor Logic—User
I/O FEATURES
Selectable
Software Selectable I/O Options (TRI-STATE
Eight High Current Outputs
Output,Push-Pull Output, Weak Pull-Up Input,
256 or 512 Bytes On-Board RAM
and High Impedance Input)
8k to 32k ROM or OTP EPROM with Security
Schmitt Trigger Inputs on Ports G and L
Feature
Eight High Current Outputs
CPU FEATURES
Packages: 28 SOIC with 24 I/O pins, 40 PDIP
with 36 I/O pins, 44 PLCC, LQFP and WQFN
Versatile Easy to Use Instruction Set
with 40 I/O pins
0.67
μs Instruction Cycle Time
Fourteen Multi-Source Vectored Interrupts
FULLY STATIC CMOS DESIGN
Servicing
Low Current Drain (typically < 4
μA)
External Interrupt / Timers T0 — T3
Two Power Saving Modes: HALT and IDLE
MICROWIRE/PLUS™ Serial Interface
Multi-Input Wake Up
TEMPERATURE RANGE
Software Trap
−40°C to +85°C, −40°C to +125°C
USART (2; 1 Receive and 1 Transmit)
Default VIS (Default Interrupt)
DEVELOPMENT SUPPORT
8-Bit Stack Pointer SP (Stack in RAM)
Windowed Packages for PDIP and PLCC
Two 8-bit Register Indirect Data Memory
Real Time Emulation and Debug Tools
Pointers
Available
True Bit Manipulation
BCD Arithmetic Instructions
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
COP8, MICROWIRE/PLUS, WATCHDOG are trademarks of Texas Instruments.
3
iceMASTER is a registered trademark of MetaLink Corporation.
4
MICROWIRE/PLUS, DriveWay are trademarks of dcl_owner.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - COP8SGR5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGR5 NSC-COP8SGR5 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR5 NSC-COP8SGR5 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR5 NSC-COP8SGR5 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR528D3 NSC-COP8SGR528D3 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR528D6 NSC-COP8SGR528D6 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
More results

Similar Description - COP8SGR5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SG NSC-COP8SG Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
logo
National Semiconductor ...
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
Texas Instruments
COP888XG_CS TI1-COP888XG_CS Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com