Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25CP102QSQXNOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # DS25CP102QSQXNOPB
Description  DS25CP102Q Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre- Emphasis and Receive Equalization
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25CP102QSQXNOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS25CP102QSQXNOPB Datasheet HTML 7Page - Texas Instruments DS25CP102QSQXNOPB Datasheet HTML 8Page - Texas Instruments DS25CP102QSQXNOPB Datasheet HTML 9Page - Texas Instruments DS25CP102QSQXNOPB Datasheet HTML 10Page - Texas Instruments DS25CP102QSQXNOPB Datasheet HTML 11Page - Texas Instruments DS25CP102QSQXNOPB Datasheet HTML 12Page - Texas Instruments DS25CP102QSQXNOPB Datasheet HTML 13Page - Texas Instruments DS25CP102QSQXNOPB Datasheet HTML 14Page - Texas Instruments DS25CP102QSQXNOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
OUT+
OUT-
150-250:
100: Differential T-Line
LVDS
Receiver
IN+
IN-
100:
LVPECL
Driver
150-250:
OUT+
OUT-
50:
50:
VCC
CML3.3V or CML2.5V
Driver
100: Differential T-Line
DS25CP102
Receiver
IN+
IN-
100:
OUT+
OUT-
DS25CP102
Receiver
IN+
IN-
100: Differential T-Line
100:
LVDS
Driver
DS25CP102Q
www.ti.com
SNLS293E – MAY 2008 – REVISED APRIL 2013
Input Interfacing
The DS25CP102Q accepts differential signals and allows simple AC or DC coupling. With a wide common mode
range, the DS25CP102Q can be DC-coupled with all common differential drivers (i.e. LVPECL, LVDS, CML).
The following three figures illustrate typical DC-coupled interface to common differential drivers. Note that the
DS25CP102Q inputs are internally terminated with a 100
Ω resistor.
Figure 10. Typical LVDS Driver DC-Coupled Interface to DS25CP102Q Input
Figure 11. Typical CML Driver DC-Coupled Interface to DS25CP102Q Input
Figure 12. Typical LVPECL Driver DC-Coupled Interface to DS25CP102Q Input
Output Interfacing
The DS25CP102Q outputs signals that are compliant to the LVDS standard. Its outputs can be DC-coupled to
most common differential receivers. The following figure illustrates typical DC-coupled interface to common
differential receivers and assumes that the receivers have high impedance inputs. While most differential
receivers have a common mode input range that can accommodate LVDS compliant signals, it is recommended
to check the respective receiver's data sheet prior to implementing the suggested interface implementation.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS25CP102Q


Similar Part No. - DS25CP102QSQXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25CP102QSQX/NOPB TI1-DS25CP102QSQX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results

Similar Description - DS25CP102QSQXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25CP102Q TI1-DS25CP102Q_13 Datasheet
1Mb / 22P
[Old version datasheet]   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q NSC-DS25CP102Q_09 Datasheet
423Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102_14 Datasheet
1Mb / 21P
[Old version datasheet]   DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A TI1-DS25CP104A_15 Datasheet
1Mb / 31P
[Old version datasheet]   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP104 NSC-DS25CP104_07 Datasheet
540Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A NSC-DS25CP104A Datasheet
600Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com