Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CP02 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CP02
Description  DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CP02 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90CP02 Datasheet HTML 2Page - Texas Instruments DS90CP02 Datasheet HTML 3Page - Texas Instruments DS90CP02 Datasheet HTML 4Page - Texas Instruments DS90CP02 Datasheet HTML 5Page - Texas Instruments DS90CP02 Datasheet HTML 6Page - Texas Instruments DS90CP02 Datasheet HTML 7Page - Texas Instruments DS90CP02 Datasheet HTML 8Page - Texas Instruments DS90CP02 Datasheet HTML 9Page - Texas Instruments DS90CP02 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DS90CP02
SNLS267 – NOVEMBER 2008
www.ti.com
Electrical Characteristics
Over recommended operating supply and temperature ranges unless other specified.
Typ
Symbol
Parameter
Conditions
Min
Max
Units
(1)
LVTTL DC SPECIFICATIONS (SEL0, SEL1, EN1, EN2)
VIH
High Level Input Voltage
2.0
VDD
V
VIL
Low Level Input Voltage
GND
0.8
V
IIH
High Level Input Current
VIN = VDD = VDDMAX
−10
+10
µA
IIL
Low Level Input Current
VIN = VSS, VDD = VDDMAX
−10
+10
µA
CIN1
Input Capacitance
Any Digital Input Pin to VSS
3.5
pF
VCL
Input Clamp Voltage
ICL = −18 mA
−1.5
−0.8
V
LVDS INPUT DC SPECIFICATIONS (IN0±, IN1±)
VTH
Differential Input High Threshold (2)
VCM = 0.8V or 1.2V or 3.55V, VDD = 3.6V
0
100
mV
VTL
Differential Input Low Threshold
VCM = 0.8V or 1.2V or 3.55V, VDD = 3.6V
−100
0
mV
VID
Differential Input Voltage
VCM = 0.8V to 3.55V, VDD = 3.6V
100
mV
VCMR
Common Mode Voltage Range
VID = 150 mV, VDD = 3.6V
0.05
3.55
V
CIN2
Input Capacitance
IN+ or IN
− to VSS
3.5
pF
IIN
Input Current
VIN = 3.6V, VDD = VDDMAX or 0V
−10
+10
µA
VIN = 0V, VDD = VDDMAX or 0V
−10
+10
µA
LVDS OUTPUT DC SPECIFICATIONS (OUT0±, OUT1±)
VOD
Differential Output Voltage,
RL = 100Ω between OUT+ and OUT−
250
400
575
mV
0% Pre-emphasis (2)
ΔVOD
Change in VOD between
−35
35
mV
Complementary States
VOS
Offset Voltage (3)
1.09
1.25
1.475
V
ΔVOS
Change in VOS between
−35
35
mV
Complementary States
IOS
Output Short Circuit Current, One
OUT+ or OUT
− Short to GND
−60
-90
mA
Complementary Output
COUT
Output Capacitance
OUT+ or OUT
− to GND when TRI-
5.5
pF
STATE
SUPPLY CURRENT (Static)
ICC0
Supply Current
All inputs and outputs enabled and
active, terminated with differential load of
42
60
mA
100
Ω between OUT+ and OUT-.
ICC1
Supply Current - one channel
Single channel crossover switch or single
22
30
mA
powered down
channel repeater modes (1 channel
active, one channel in power down mode)
ICC2
Supply Current - one input powered
Splitter mode (One input powered down,
30
40
mA
down
both outputs active)
ICCZ
TRI-STATE Supply Current
Both input/output Channels in Power
1.4
2.5
mA
Down Mode
SWITCHING CHARACTERISTICS—LVDS OUTPUTS (Figure 4 Figure 5)
tLHT
Differential Low to High Transition
Use an alternating 1 and 0 pattern at 200
70
150
215
ps
Time
Mb/s, measure between 20% and 80% of
VOD.
tHLT
Differential High to Low Transition
50
135
180
ps
Time
tPLHD
Differential Low to High Propagation
Use an alternating 1 and 0 pattern at 200
0.5
2.4
3.5
ns
Delay
Mb/s, measure at 50% VOD between
input to output.
tPHLD
Differential High to Low Propagation
0.5
2.4
3.5
ns
Delay
tSKD1
Pulse Skew
|tPLHD–tPHLD|
55
120
ps
(1)
Typical parameters are measured at VDD = 3.3V, TA = 25°C. They are for reference purposes, and are not production-tested.
(2)
Differential output voltage VOD is defined as ABS(OUT+–OUT−). Differential input voltage VID is defined as ABS(IN+–IN−).
(3)
Output offset voltage VOS is defined as the average of the LVDS single-ended output voltages at logic high and logic low states.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Links: DS90CP02


Similar Part No. - DS90CP02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CP02 TI1-DS90CP02 Datasheet
263Kb / 14P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02SP/NOPB TI1-DS90CP02SP/NOPB Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
More results

Similar Description - DS90CP02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CP02 TI1-DS90CP02 Datasheet
263Kb / 14P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152Q NSC-DS10CP152Q_09 Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152Q TI1-DS10CP152Q_14 Datasheet
771Kb / 15P
[Old version datasheet]   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152QMA TI-DS10CP152QMA Datasheet
746Kb / 15P
[Old version datasheet]   DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com