Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CP02 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CP02
Description  DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CP02 Datasheet(HTML) 2 Page - Texas Instruments

  DS90CP02 Datasheet HTML 1Page - Texas Instruments DS90CP02 Datasheet HTML 2Page - Texas Instruments DS90CP02 Datasheet HTML 3Page - Texas Instruments DS90CP02 Datasheet HTML 4Page - Texas Instruments DS90CP02 Datasheet HTML 5Page - Texas Instruments DS90CP02 Datasheet HTML 6Page - Texas Instruments DS90CP02 Datasheet HTML 7Page - Texas Instruments DS90CP02 Datasheet HTML 8Page - Texas Instruments DS90CP02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
7
6
5
4
3
2
1
15
16
17
18
19
20
21
28
27
26
25
24
23
22
8
9
10
11
12
13
14
N/C
IN0+
IN0-
VDDA
IN1+
IN1-
VDD
N/C
OUT0+
OUT0-
VDDA
OUT1+
OUT1-
VDD
DAP
(GND)
DS90CP02
SNLS267 – NOVEMBER 2008
www.ti.com
Pin Descriptions (continued)
Pin
Pin
I/O, Type
Description
Name
Number
IN0+
9
I, LVDS
Inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or LVPECL
IN0
10
compatible.
IN1+
12
I, LVDS
Inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or LVPECL
IN1
13
compatible.
SWITCHED DIFFERENTIAL OUTPUTS
OUT0+
27
O, LVDS
Inverting and non-inverting differential outputs. OUT0± can be connected to any one pair
OUT0
26
IN0±, or IN1±. LVDS compatible .
OUT1+
24
O, LVDS
Inverting and non-inverting differential outputs. OUT1± can be connected to any one pair
OUT1
23
IN0±, or IN1±. LVDS compatible .
DIGITAL CONTROL INTERFACE
SEL0, SEL1
6
I, LVTTL
Select Control Inputs
5
EN0, EN1
7
I, LVTTL
Output Enable Inputs
15
N/C
8, 20, 28
Not Connected
POWER
VDD
11, 14, 16,
I, Power
VDD = 3.3V ±0.3V. At least 4 low ESR 0.01 µF bypass capacitors should be connected from
18, 19, 22,
VDD to GND plane.
25
GND
DAP, 1, 2,
I, Power
Ground reference to LVDS and CMOS circuitry.
3, 4, 17,
For the LLP package, the DAP is used as the primary GND connection to the device. The
21
DAP is the exposed metal contact at the bottom of the LLP-28 package. It should be
connected to the ground plane with at least 4 vias for optimal AC and thermal performance.
Connection Diagram
Figure 2. LLP Top View
DAP = GND
Configuration Select Truth Table
SEL0
SEL1
EN0
EN1
OUT0
OUT1
Mode
0
0
0
0
IN0
IN0
1:2 Splitter (IN1 powered down)
0
1
0
0
IN0
IN1
Dual Channel Repeater
1
0
0
0
IN1
IN0
Dual Channel Switch
1
1
0
0
IN1
IN1
1:2 Splitter (IN0 powered down)
0
1
0
1
IN0
PD
Single Channel Repeater (Channel 1 powered down)
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Links: DS90CP02


Similar Part No. - DS90CP02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CP02 TI1-DS90CP02 Datasheet
263Kb / 14P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02SP/NOPB TI1-DS90CP02SP/NOPB Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
More results

Similar Description - DS90CP02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CP02 TI1-DS90CP02 Datasheet
263Kb / 14P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152Q NSC-DS10CP152Q_09 Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152Q TI1-DS10CP152Q_14 Datasheet
771Kb / 15P
[Old version datasheet]   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152QMA TI-DS10CP152QMA Datasheet
746Kb / 15P
[Old version datasheet]   DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com