Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM339-N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM339-N
Description  LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339-N Datasheet(HTML) 1 Page - Texas Instruments

  LM339-N Datasheet HTML 1Page - Texas Instruments LM339-N Datasheet HTML 2Page - Texas Instruments LM339-N Datasheet HTML 3Page - Texas Instruments LM339-N Datasheet HTML 4Page - Texas Instruments LM339-N Datasheet HTML 5Page - Texas Instruments LM339-N Datasheet HTML 6Page - Texas Instruments LM339-N Datasheet HTML 7Page - Texas Instruments LM339-N Datasheet HTML 8Page - Texas Instruments LM339-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
www.ti.com
SNOSBJ3D – NOVEMBER 1999 – REVISED MARCH 2013
LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
Check for Samples: LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
1
FEATURES
APPLICATIONS
2
Wide Supply Voltage Range
Limit Comparators
LM139/139A Series 2 to 36 VDCor ±1 to ±18 VDC
Simple Analog-to-Digital Converters
LM2901: 2 to 36 VDCor ±1 to ±18 VDC
Pulse, Squarewave and Time Delay Generators
LM3302: 2 to 28 VDCor ±1 to ±14 VDC
Wide Range VCO; MOS Clock Timers
Very Low Supply Current Drain (0.8 mA) —
Multivibrators and High Voltage Digital Logic
Independent of Supply Voltage
Gates
Low Input Biasing Current: 25 nA
DESCRIPTION
Low Input Offset Current: ±5 nA
The LM139 series consists of four independent
Offset Voltage: ±3 mV
precision voltage comparators with an offset voltage
Input Common-Mode Voltage Range Includes
specification as low as 2 mV max for all four
GND
comparators. These were designed specifically to
operate from a single power supply over a wide range
Differential Input Voltage Range Equal to the
of voltages. Operation from split power supplies is
Power Supply Voltage
also possible and the low power supply current drain
Low Output Saturation Voltage: 250 mV at 4
is independent of the magnitude of the power supply
mA
voltage. These comparators also have a unique
characteristic in that the input common-mode voltage
Output Voltage Compatible with TTL, DTL,
range includes ground, even though operated from a
ECL, MOS and CMOS Logic Systems
single power supply voltage.
ADVANTAGES
The LM139 series was designed to directly interface
with TTL and CMOS. When operated from both plus
High Precision Comparators
and minus power supplies, they will directly interface
Reduced VOS Drift Over Temperature
with MOS logic— where the low power drain of the
Eliminates Need for Dual Supplies
LM339
is
a
distinct
advantage
over
standard
comparators.
Allows Sensing Near GND
Compatible with all Forms of Logic
Power Drain Suitable for Battery Operation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM339-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM339-N TI1-LM339-N Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
More results

Similar Description - LM339-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139-N TI1-LM139-N Datasheet
500Kb / 21P
[Old version datasheet]   LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM139 TI1-LM139_V03 Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139 TI-LM139_V04 Datasheet
2Mb / 51P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED OCTOBER 2023
LM139 TI-LM139_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139 TI-LM139_V02 Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com