Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM239-N Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. LM239-N
Description  LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM239-N Datasheet(HTML) 3 Page - Texas Instruments

  LM239-N Datasheet HTML 1Page - Texas Instruments LM239-N Datasheet HTML 2Page - Texas Instruments LM239-N Datasheet HTML 3Page - Texas Instruments LM239-N Datasheet HTML 4Page - Texas Instruments LM239-N Datasheet HTML 5Page - Texas Instruments LM239-N Datasheet HTML 6Page - Texas Instruments LM239-N Datasheet HTML 7Page - Texas Instruments LM239-N Datasheet HTML 8Page - Texas Instruments LM239-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
www.ti.com
SNOSBJ3D – NOVEMBER 1999 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
LM139/LM239/LM339
LM139A/LM239A/LM339A
LM3302
LM2901
Supply Voltage, V+
36 VDC or ±18 VDC
28 VDC or ±14 VDC
Differential Input Voltage(2)
36 VDC
28 VDC
Input Voltage
−0.3 VDC to +36 VDC
−0.3 VDC to +28 VDC
Input Current (VIN<−0.3 VDC)
(3)
50 mA
50 mA
Power Dissipation(4)
PDIP
1050 mW
1050 mW
Cavity DIP
1190 mW
SOIC Package
760 mW
Output Short-Circuit to GND(5)
Continuous
Continuous
Storage Temperature Range
−65°C to +150°C
−65°C to +150°C
Lead Temperature (Soldering, 10 seconds)
260°C
260°C
Operating Temperature Range
−40°C to +85°C
LM339/LM339A
0°C to +70°C
LM239/LM239A
−25°C to +85°C
LM2901
−40°C to +85°C
LM139/LM139A
−55°C to +125°C
Soldering Information
PDIP Package Soldering (10 seconds)
260°C
260°C
SOIC Package
Vapor Phase (60 seconds)
215°C
215°C
Infrared (15 seconds)
220°C
220°C
ESD rating (1.5 k
Ω in series with 100 pF)
600V
600V
(1)
Refer to RETS139AX for LM139A military specifications and to RETS139X for LM139 military specifications.
(2)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3 VDC (or 0.3 VDCbelow
the magnitude of the negative power supply, if used) (at 25°C).
(3)
This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of
the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is
also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go
to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive
and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than
−0.3 VDC (at
25°C).
(4)
For operating at high temperatures, the LM339/LM339A, LM2901, LM3302 must be derated based on a 125°C maximum junction
temperature and a thermal resistance of 95°C/W which applies for the device soldered in a printed circuit board, operating in a still air
ambient. The LM239 and LM139 must be derated based on a 150°C maximum junction temperature. The low bias dissipation and the
“ON-OFF” characteristic of the outputs keeps the chip dissipation very small (PD≤100 mW), provided the output transistors are allowed
to saturate.
(5)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 20 mA independent of the magnitude of V+.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn