Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A3504 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE15A3504
Description  Broadband High Gain Amplifier, 42 dBm IP3, 5 dB NF, SMA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3504 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A3504 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3504 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3504 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3504 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3504 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3504 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
PE15A3504 is a 2W wideband coaxial power amplifier operating in the 2 to 6 GHz frequency range. The amplifier offers 33
dBm min of P1db and high 44 dB typical small signal gain with the excellent gain flatness of ±1.0dB max and an outstanding
output IP3 performance of 42 dBm. This excellent technical performance is achieved through the use of hybrid MIC design and
advanced GaAs PHEMT devices. The amplifier requires typically a +12V DC power supply. The connectorized SMA module
is unconditionally stable and includes built-in voltage regulation, bias sequencing, and reverse bias protection for added
reliability. The amplifier operates over the temperature range of -55°C and +85°C.
Features
2 GHz to 6 GHz Frequency Range
• P1dB: 33 dBm min
High Small Signal Gain: 44 dB typical
Gain Flatness: ±1.0 dB
High output IP3: 42 dBm
Noise Figure: 5 dB typical
Reverse Isolation: 50 dB
50 Ohms Input and Output Matched
-55 to +85°C Operating Temperature
Unconditionally Stable
Regulated Supply & Bias Sequencing
Hermetically Sealed Module
Overvoltage External Protection for Easy Repair
Applications
Electronic Warfare
Electronic Countermeasures
Radar Systems
Telecom Infrastructure
Test Instrumentation
Military & Space
Communication Systems
Satellite Communication
Microwave Radio Systems
Driver Amplifier
High Power Output Amplifier
Electrical Specifications (TA = +25°C, DC Voltage = 12Volts, DC Current = 1,750mA)
Description
Minimum
Typical
Maximum
Units
Frequency Range
2
6
GHz
Gain
44
dB
Gain Flatness
±1
dB
Output at 1 dB Compression Point
+33
dBm
Output 3rd Intercept Point
+42
dBm
Reverse Isolation
50
dB
Noise Figure
5
5.5
dB
Input VSWR
2:1
Output VSWR
2:1
Operating DC Voltage
11
12
15
Volts
Operating DC Current
1,750
mA
Operating Temperature Range (OTR)
-55
+85
°C
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 44 dB Gain, 2 Watt, 2 GHz to 6 GHz, Broadband High Gain Amplifier, 42 dBm IP3, 5 dB NF,
SMA PE15A3504
PE15A3504
PE15A3504 REV 1.0
44 dB Gain, 2 Watt, 2 GHz to 6 GHz, Broadband
High Gain Amplifier, 42 dBm IP3, 5 dB NF, SMA


Similar Part No. - PE15A3504

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3504 PASTERNACK-PE15A3504_17 Datasheet
487Kb / 6P
   TECHNICAL DATA SHEET
More results

Similar Description - PE15A3504

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4003 PASTERNACK-PE15A4003 Datasheet
479Kb / 6P
   Amplifier, 32 dB Gain, 42 dBm IP3, 5 dB NF, SMA
PE15A4001 PASTERNACK-PE15A4001 Datasheet
479Kb / 6P
   Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB NF, SMA
PE15A3503 PASTERNACK-PE15A3503 Datasheet
488Kb / 6P
   High Gain Amplifier, 39 dBm IP3, 5 dB NF, SMA
PE15A4004 PASTERNACK-PE15A4004 Datasheet
480Kb / 6P
   Amplifier, 38 dB Gain, 39 dBm IP3, 5 dB NF, SMA
PE15A4005 PASTERNACK-PE15A4005 Datasheet
468Kb / 6P
   Amplifier, 33 dB Gain, 39 dBm IP3, 5 dB NF, SMA
PE15A4007 PASTERNACK-PE15A4007 Datasheet
481Kb / 6P
   30 dB Gain, 45 dBm IP3, 5 dB NF, SMA
PE15A3507 PASTERNACK-PE15A3507 Datasheet
479Kb / 6P
   High Gain Amplifier, 39 dBm IP3, 6 dB NF, SMA
PE15A4002 PASTERNACK-PE15A4002 Datasheet
481Kb / 6P
   Amplifier, 33 dB Gain, 39 dBm IP3, 6 dB NF, SMA
PE15A4006 PASTERNACK-PE15A4006 Datasheet
483Kb / 6P
   30 dB Gain, 38 dBm IP3, 3 dB NF, SMA
PE15A3022 PASTERNACK-PE15A3022 Datasheet
447Kb / 5P
   1 Watt P1dB, 300 MHz to 18 GHz, Medium Power Broadband Amplifier, 37 dB Gain, 42 dBm IP3, 3.5 dB NF, SMA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com