Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A1009 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE15A1009
Description  1.4 dB NF, 11 dBm, 10 MHz to 3 GHz, Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A1009 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE15A1009 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A1009 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A1009 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A1009 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A1009 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TECHNICAL DATA SHEET
PE15A1009
1.4 dB NF, 11 dBm, 10 MHz to 3 GHz, Low
Noise Amplifier, 34 dB Gain, SMA
PE15A1009 REV 1.0
1.4 dB NF, 11 dBm, 10 MHz to 3 GHz, Low Noise Amplifier, 34 dB Gain, SMA from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.4 dB NF, 11 dBm, 10 MHz to 3 GHz, Low Noise Amplifier, 34 dB Gain, SMA PE15A1009
URL: http://www.pasternack.com/1.4-db-3-ghz-low-noise-amplifier-34-db-gain-sma-pe15a1009-p.aspx


Similar Part No. - PE15A1009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A1000 PASTERNACK-PE15A1000 Datasheet
466Kb / 6P
   1.5 dB NF, 10 mW, 1 GHz to 2 GHz, Low Noise Amplifier
PE15A1001 PASTERNACK-PE15A1001 Datasheet
466Kb / 6P
   2 dB NF, 20 mW, 2 GHz to 4 GHz, Low Noise Amplifier
PE15A1002 PASTERNACK-PE15A1002 Datasheet
465Kb / 6P
   2 dB NF, 20 mW, 4 GHz to 8 GHz, Low Noise Amplifier
PE15A1003 PASTERNACK-PE15A1003 Datasheet
467Kb / 6P
   2.2 dB NF, 20 mW, 8 GHz to 12 GHz, Low Noise Amplifier
PE15A1003M PASTERNACK-PE15A1003M Datasheet
492Kb / 7P
   2.2 dB NF, 13 dBm Psat, 8 GHz to 12 GHz, Low Noise Amplifier, 38 dB Gain, SMA
More results

Similar Description - PE15A1009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A1007 PASTERNACK-PE15A1007 Datasheet
515Kb / 5P
   2.5 dB NF, 16 dBm, 0.009 MHz to 3 GHz, Low Noise Amplifier
PE15A1023 PASTERNACK-PE15A1023 Datasheet
406Kb / 5P
   1.5 dB NF, 10 dBm P1dB, 1.2 GHz to 1.4 GHz,Low Noise Amplifier, 25 dB Gain, SMA
PE15A1008 PASTERNACK-PE15A1008 Datasheet
745Kb / 5P
   23 dBm IP3, 1.6 dB NF, 13 dBm, 20 MHz to 3 GHz, Low Noise Amplifier
PE15A1004 PASTERNACK-PE15A1004 Datasheet
466Kb / 6P
   3 dB NF, 13 dBm, 12 GHz to 18 GHz, Low Noise Amplifier
PE1528 PASTERNACK-PE1528 Datasheet
349Kb / 3P
   11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
PE15A1005 PASTERNACK-PE15A1005 Datasheet
678Kb / 6P
   40 dB Gain, 1.5 dB NF, 15 dBm, 1.2 GHz to 1.4 GHz, Low Noise High Gain Amplifier
PE15A1024 PASTERNACK-PE15A1024 Datasheet
407Kb / 5P
   1.5 dB NF, 17 dBm P1dB, 1.2 GHz to 1.4 GHz,Low Noise Amplifier, 35 dB Gain, SMA
PE15A3269 PASTERNACK-PE15A3269 Datasheet
398Kb / 4P
   3 dB NF, 14.5 dBm P1dB, 10 MHz to 6 GHz, Low Noise Broadband Amplifier, 34 dB Gain, 25.5 dBm IP3, SMA
PE15A1017 PASTERNACK-PE15A1017 Datasheet
429Kb / 6P
   35 dBm IP3, 2 dB NF, 20 dBm P1dB, 500 MHz to 3 GHz, Low Noise Amplifier, 14.5 dB Gain, SMA
PE15A1011 PASTERNACK-PE15A1011 Datasheet
504Kb / 5P
   1 dB NF, 17 dBm, 10 MHz to 1,000 MHz, Low Noise Amplifier, 30 dB Gain, SMA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com