Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A1005 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE15A1005
Description  40 dB Gain, 1.5 dB NF, 15 dBm, 1.2 GHz to 1.4 GHz, Low Noise High Gain Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A1005 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A1005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A1005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A1005 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A1005 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A1005 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A1005 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
PE15A1005 is an L-band high gain low noise coaxial amplifier operating in the 1.2 to 1.4 GHz frequency range. The low
noise amplifier offers 15 dBm min of P1db and high 40 dB typical small signal gain with gain flatness of ±0.75dB typical. This
excellent technical performance is achieved through the use of hybrid MIC design and advanced GaAs PHEMT devices. The
low noise amplifier requires typically a +12V DC power supply. The connectorized SMA module is unconditionally stable and
includes built-in voltage regulation, bias sequencing, and reverse bias protection for added reliability. The amplifier operates
over the temperature range of -40°C and +85°C.
Features
• 1.2 GHz to 1.4 GHz Frequency Range
• P1dB: 15 dBm min
• Small Signal Gain: 40 dB min
• Gain Flatness: ±0.75 dB typical
• Noise Figure: 1.5 dB max
• 50 Ohm Input and Output Matched
• Unconditionally Stable
• Regulated Supply & Bias Sequencing
• Hermetically Sealed Module
• Overvoltage External Protection for Easy Repair
Applications
• L-band Military Radar
• Commercial Air Traffic Control
• Weather & Earth Observation
Satellites
• Radar & Communication Systems
• High Gain Low Noise Amplifier
Electrical Specifications (TA = +25°C, DC Voltage = 12Volts, DC Current = 200mA)
Description
Minimum
Typical
Maximum
Units
Frequency Range
1.2
1.4
GHz
Small Signal Gain
40
dB
Gain Flatness
±0.75
±1
dB
Gain Variance at OTR*
±1.8
dB
Output at 1 dB Compression Point
+15
dBm
Noise Figure
1.5
dB
Input VSWR
2:1
Output VSWR
2:1
Operating DC Voltage
10.8
12
13.2
Volts
Operating DC Current
200
250
mA
Operating Temperature Range
-40
+85
°C
. .
*OTR= Base Plate Operating Temperature Range
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 40 dB Gain, 1.5 dB NF, 15 dBm, 1.2 GHz to 1.4 GHz, Low Noise High Gain Amplifier SMA
PE15A1005
PE15A1005
PE15A1005 REV 1.0
40 dB Gain, 1.5 dB NF, 15 dBm, 1.2 GHz to
1.4 GHz, Low Noise High Gain Amplifier SMA


Similar Part No. - PE15A1005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A1000 PASTERNACK-PE15A1000 Datasheet
466Kb / 6P
   1.5 dB NF, 10 mW, 1 GHz to 2 GHz, Low Noise Amplifier
PE15A1001 PASTERNACK-PE15A1001 Datasheet
466Kb / 6P
   2 dB NF, 20 mW, 2 GHz to 4 GHz, Low Noise Amplifier
PE15A1002 PASTERNACK-PE15A1002 Datasheet
465Kb / 6P
   2 dB NF, 20 mW, 4 GHz to 8 GHz, Low Noise Amplifier
PE15A1003 PASTERNACK-PE15A1003 Datasheet
467Kb / 6P
   2.2 dB NF, 20 mW, 8 GHz to 12 GHz, Low Noise Amplifier
PE15A1003M PASTERNACK-PE15A1003M Datasheet
492Kb / 7P
   2.2 dB NF, 13 dBm Psat, 8 GHz to 12 GHz, Low Noise Amplifier, 38 dB Gain, SMA
More results

Similar Description - PE15A1005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A1023 PASTERNACK-PE15A1023 Datasheet
406Kb / 5P
   1.5 dB NF, 10 dBm P1dB, 1.2 GHz to 1.4 GHz,Low Noise Amplifier, 25 dB Gain, SMA
PE15A1024 PASTERNACK-PE15A1024 Datasheet
407Kb / 5P
   1.5 dB NF, 17 dBm P1dB, 1.2 GHz to 1.4 GHz,Low Noise Amplifier, 35 dB Gain, SMA
PE15A1006 PASTERNACK-PE15A1006 Datasheet
474Kb / 6P
   40 dB Gain, 1.1 dB NF, 15 dBm, 3.1 GHz to 3.5 GHz, Low Noise High Gain Amplifier
PE15A1010 PASTERNACK-PE15A1010 Datasheet
406Kb / 3P
   40 dB Gain, 0.9 dB NF, 14 dBm, 2 GHz to 6 GHz, Low Noise High Gain Amplifier
PE15A1028 PASTERNACK-PE15A1028 Datasheet
520Kb / 5P
   40 dB Gain, 0.7 dB NF, 12 dBm P1dB, 1.2 GHz
PE15A3268 PASTERNACK-PE15A3268 Datasheet
374Kb / 3P
   5.5 dB NF, 10 dBm P1dB, 18 GHz to 40 GHz, Low Noise Broadband Amplifier, 18 dB Gain, 2.4mm
PE15A3266 PASTERNACK-PE15A3266 Datasheet
460Kb / 6P
   2 dB NF, 11 dBm P1dB, 26.5 GHz to 40 GHz, Low Noise Broadband Amplifier, 30 dB Gain, 2.92mm
PE15A1025 PASTERNACK-PE15A1025 Datasheet
426Kb / 6P
   48 dB Gain, 2.2 dB NF, 13 dBm Psat, 8 GHz to 12 GHz, Low Noise Amplifier, SMA
PE15A1027 PASTERNACK-PE15A1027 Datasheet
425Kb / 6P
   2.2 dB NF, 13 dBm Psat, 8 GHz to 12 GHz,Low Noise Amplifier, 18 dB Gain, SMA
PE15A1026 PASTERNACK-PE15A1026 Datasheet
426Kb / 6P
   2.2 dB NF, 13 dBm Psat, 8 GHz to 12 GHz,Low Noise Amplifier, 28 dB Gain, SMA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com