Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMD27711 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TMD27711
Description  The technical content of this TAOS datasheet is still valid
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMD27711 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TMD27711 Datasheet HTML 5Page - List of Unclassifed Manufacturers TMD27711 Datasheet HTML 6Page - List of Unclassifed Manufacturers TMD27711 Datasheet HTML 7Page - List of Unclassifed Manufacturers TMD27711 Datasheet HTML 8Page - List of Unclassifed Manufacturers TMD27711 Datasheet HTML 9Page - List of Unclassifed Manufacturers TMD27711 Datasheet HTML 10Page - List of Unclassifed Manufacturers TMD27711 Datasheet HTML 11Page - List of Unclassifed Manufacturers TMD27711 Datasheet HTML 12Page - List of Unclassifed Manufacturers TMD27711 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TMD2771
DIGITAL ALS
and PROXIMITY MODULE
TAOS143B − SEPTEMBER 2012
8
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
PRINCIPLES OF OPERATION
System State Machine
The device provides control of ALS, proximity detection and power management functionality through an
internal state machine. After a power-on-reset, the device is in the sleep mode. As soon as the PON bit is set,
the device will move to the start state. It will then continue through the Prox, Wait, and ALS states. If these states
are enabled, the device will execute each function. If the PON bit is set to a 0, the state machine will continue
until all conversions are completed and then go into a low-power sleep mode.
Sleep
Start
Wait
ALS
Prox
PON = 1 (r 0:b0)
PON = 0 (r 0:b0)
Figure 6. Simplified State Diagram
NOTE: In this document, the nomenclature uses the bit field name in italics followed by the register number and
bit number to allow the user to easily identify the register and bit that controls the function. For example, the
power on (PON) is in register 0, bit 0. This is represented as PON (r0:b0).
Photodiodes
Conventional silicon detectors respond strongly to infrared light, which the human eye does not see. This can
lead to significant error when the infrared content of the ambient light is high (such as with incandescent lighting)
due to the difference between the silicon detector response and the brightness perceived by the human eye.
This problem is overcome through the use of two photodiodes. The Channel 0 photodiode is sensitive to both
visible and infrared light, while the Channel 1 photodiode is sensitive primarily to infrared light. Two integrating
ADCs convert the photodiode currents to digital outputs. The ADC digital outputs from the two channels are
used in a formula to obtain a value that approximates the human eye response in units of lux.


Similar Part No. - TMD27711

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TMD27711 TAOS-TMD27711 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
More results

Similar Description - TMD27711

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMD26721 ETC2-TMD26721 Datasheet
1Mb / 29P
   The technical content of this TAOS datasheet is still valid
TCS3103FN ETC2-TCS3103FN Datasheet
755Kb / 13P
   The technical content of this TAOS datasheet is still valid.
logo
Freescale Semiconductor...
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
   This is the MC9S08SH8 datasheet set consisting of the following files
logo
STMicroelectronics
TN0047 STMICROELECTRONICS-TN0047 Datasheet
133Kb / 9P
   The purpose of this technical
TN0516 STMICROELECTRONICS-TN0516 Datasheet
291Kb / 11P
   This technical note is an overview of the main features
TN1189 STMICROELECTRONICS-TN1189 Datasheet
165Kb / 4P
   The purpose of this technical note
logo
Silicon Laboratories
1302261 SILABS-1302261 Datasheet
148Kb / 3P
   Version 0.5 of the SiM3L1xx datasheet is now available
logo
Texas Instruments
OMAP5910JZZG2 TI-OMAP5910JZZG2 Datasheet
2Mb / 171P
[Old version datasheet]   This document has been reviewed for technical accuracy; the technical content is up-to-date as of the specified release date and includes the following changes
logo
REAN
NYS367-2 REAN-NYS367-2 Datasheet
161Kb / 1P
   THIS DOCUMENT IS THE PROPERTY OF NEUTRIK.
2015.06.18
logo
Silicon Laboratories
1303191 SILABS-1303191 Datasheet
216Kb / 3P
   Version 1.5 of the CP2102/9 datasheet is now available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com