Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD2420-011 Datasheet(PDF) 6 Page - Honeywell Accelerometers

Part # SMD2420-011
Description  Ceramic Discrete Surface Mount Emitters and Detectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SMD2420-011 Datasheet(HTML) 6 Page - Honeywell Accelerometers

  SMD2420-011 Datasheet HTML 1Page - Honeywell Accelerometers SMD2420-011 Datasheet HTML 2Page - Honeywell Accelerometers SMD2420-011 Datasheet HTML 3Page - Honeywell Accelerometers SMD2420-011 Datasheet HTML 4Page - Honeywell Accelerometers SMD2420-011 Datasheet HTML 5Page - Honeywell Accelerometers SMD2420-011 Datasheet HTML 6Page - Honeywell Accelerometers SMD2420-011 Datasheet HTML 7Page - Honeywell Accelerometers SMD2420-011 Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Infrared Components
Ceramic Discrete Surface Mount
SME/SMD Series
6 Honeywell
• Sensing and Control
For application help: call 1-800-537-6945
TYPICAL SMD2440 AND SMD2420 SERIES PERFORMANCE CHARACTERISTICS (when solder
mounted to PC board)
SME to SMD Coupling Characteristics
100%
80%
60%
40%
20%
0%
0
0.1
0.2
0.3
0.4
0.5
0.6
Lens-to Lens Separation - inches
SMD2440 Switching Time Test Circuit
250 uS
GaAs Emitter
Collector
Emitter
+
-
RL
1000
e
0
Vcc +5 V
SMD2440 Switching Waveform
e
0
1.0 V
90%
10%
0 V
t
t r
t r
SMD2420 Switching Time Test Circuit
10 uS
GaAs Emitter
Cathode
Anode
+
-
RL
50
e
0
VR +20 V
SMD2420 Switching Waveform
e
0
100%
90%
10%
0%
t
t r
t r


Similar Part No. - SMD2420-011

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SMD2420 HONEYWELL-ACC-SMD2420 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SMD2420 HONEYWELL-ACC-SMD2420 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results

Similar Description - SMD2420-011

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SME2470-011 HONEYWELL-ACC-SME2470-011 Datasheet
276Kb / 8P
   Ceramic Discrete Surface Mount Emitters and Detectors
logo
Vishay Siliconix
TCZT8020 VISHAY-TCZT8020_11 Datasheet
246Kb / 11P
   Matched Pairs of Emitters and Detectors
Rev. 1.7, 15-Mar-11
TCZT8020 VISHAY-TCZT8020_06 Datasheet
103Kb / 7P
   Matched Pairs of Emitters and Detectors
Rev. 1.4, 04-Sep-06
logo
OSRAM GmbH
SFH4650 OSRAM-SFH4650_13 Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
logo
List of Unclassifed Man...
MLX90247 ETC2-MLX90247_07 Datasheet
229Kb / 9P
   Discrete Infrared Thermopile Detectors
MLX90247 ETC2-MLX90247_04 Datasheet
231Kb / 10P
   Discrete Infrared Thermopile Detectors
logo
Melexis Microelectronic...
MLX90247 MELEXIS-MLX90247 Datasheet
229Kb / 9P
   Discrete Infrared Thermopile Detectors
logo
List of Unclassifed Man...
MLX90247 ETC1-MLX90247 Datasheet
168Kb / 11P
   Discrete Infrared Thermopile Detectors
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Lumileds Lighting Compa...
WP23 LUMILEDS-WP23 Datasheet
929Kb / 10P
   of LED Emitters and LED Arrays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com