Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3325-ZJ Datasheet(PDF) 5 Page - NEC

Part # 2SK3325-ZJ
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3325-ZJ Datasheet(HTML) 5 Page - NEC

  2SK3325-ZJ Datasheet HTML 1Page - NEC 2SK3325-ZJ Datasheet HTML 2Page - NEC 2SK3325-ZJ Datasheet HTML 3Page - NEC 2SK3325-ZJ Datasheet HTML 4Page - NEC 2SK3325-ZJ Datasheet HTML 5Page - NEC 2SK3325-ZJ Datasheet HTML 6Page - NEC 2SK3325-ZJ Datasheet HTML 7Page - NEC 2SK3325-ZJ Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D14264EJ1V0DS00
5
2SK3325
Figure11. DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
3.0
2.0
1.0
0.0
–50
0
50
100
150
VGS = 10 V
Tch - Channel Temperature - ˚C
ID = 10 A
ID = 5.0 A
Figure12. SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
10
1
0.5
0.1
1.5
VSD - Source to Drain Voltage - V
Pulsed
1.0
0.0
0.01
100
VGS = 0 V
VGS = 10 V
Figure13. CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
1000
10
100
1
100
1000
VDS - Drain to Source Voltage - V
VGS = 0 V
f = 1.0 MHz
10
10000
Ciss
0.1
1
Coss
Crss
Figure14. SWITCHING CHARACTERISTICS
1000
100
10
0.1
100
ID - Drain Current - A
VDD = 150 V
VGS = 10 V
RG = 10
tf
td(off)
td(on)
110
1
tr
Figure15. REVERSE RECOVERY TIME vs.
DRAIN CURRENT
0
0.1
10
100
IF - Drain Current - A
di/dt = 50 A/
µs
VGS = 0 V
1
100
500
600
700
800
900
1000
400
300
200
10
520
25
15
400
500
600
700
800
300
200
100
VDS
VGS
ID = 10 A
QG - Gate Charge - nC
Figure16. DYNAMIC INPUT/OUTPUT CHARACTERISTICS
14
12
10
8
6
4
2
VDD = 400 V
250 V
100 V
0
0


Similar Part No. - 2SK3325-ZJ

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3325-ZJ ISC-2SK3325-ZJ Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3325-ZJ RENESAS-2SK3325-ZJ Datasheet
244Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3325-ZJ

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com