Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH0099F Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RH0099F
Description  RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0099F Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RH0099F Datasheet HTML 1Page - Solid States Devices, Inc RH0099F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD205 thru SPD230
and
SPD205SMS thru SPD230SMS
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL
VALUE
UNIT
MAX
Instantaneous Forward Voltage Drop
IF = 2.0 Adc , TA = +25°C, 300 - 500μs pulse
IF = 2.0 Adc , TA = -55°C, 300 - 500μs pulse
VF1
VF2
1.0
1.2
Vdc
Reverse Leakage Current
(Rated VR, TA = +25°C)
(Rated VR, TA =+100°C)
IR1
IR2
10
1
μA
mA
Junction Capacitance
VR = 10 Vdc, f = 1MHz, TA = 25°C
CJ
45
pF
Maximum Reverse Recovery Time
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
trr
25
ns
Package Outlines:
DIMENSIONS (inches)
DIMENSIONS (inches)
DIM.
Minimum
Maximum
DIM.
Minimum
Maximum
A
---
.140
A
.134
.155
B
.190
.230
B
.230
.280
C
.027
.033
C
.022
.028
D
1.00
---
D
.002
---
AXIAL
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0099F
DOC


Similar Part No. - RH0099F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0099F SSDI-RH0099F_15 Datasheet
214Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
More results

Similar Description - RH0099F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
   Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
   RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
   RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
   RECTIFIER
RH0141 SSDI-RH0141_15 Datasheet
213Kb / 2P
   RECTIFIER
RH0127 SSDI-RH0127 Datasheet
195Kb / 2P
   RECTIFIER
RH0139 SSDI-RH0139 Datasheet
224Kb / 2P
   RECTIFIER
RH0163E SSDI-RH0163E Datasheet
197Kb / 2P
   RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
   RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
   Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com