Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA0934 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # PA0934
Description  HIGH FREQUENCY PLANAR TRANSFORMERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0934 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  PA0934 Datasheet HTML 1Page - Pulse A Technitrol Company PA0934 Datasheet HTML 2Page - Pulse A Technitrol Company PA0934 Datasheet HTML 3Page - Pulse A Technitrol Company PA0934 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
USA 858 674 8100Germany 49 7032 7806 0Singapore 65 6287 8998Shanghai 86 21 62787060China 86 755 33966678Taiwan 886 3 4356768
www.pulseeng.com
95
SPM2007 (5/10)
HIGH FREQUENCY PLANAR
TRANSFORMERS
PA09XXNL Series (up to 250W)
1. The above transformers have been tested and approved by
Pulse’s IC partners and are cited in the appropriate datasheet
or evaluation board documentation at these companies. To
determine which IC and IC companies are matched with the
above transformers, please refer to the IC cross reference on
the Pulse web page.
2. To determine if the transformer is suitable for your application,
it is necessary to ensure that the temperature rise of the
component (ambient plus temperature rise) does not exceed
its operating temperature. To determine the approximate
temperature rise of the transformer, refer to the graphs below.
3. The “NL” suffix indicates an RoHS-compliant part number. Non-
NL suffixed parts are not necessarily RoHS compliant, but are
electrically and mechanically equivalent to NL versions. If a part
number does not have the “NL” suffix, but an RoHS compliant
version is required, please contact Pulse for availability.
Notes from Tables
Temperature Rise vs. Power (W) Dissipation
Total Power (W) Dissipation
Total Power Dissipation (W) = .001 * (DCRprimary * IRMS_primary2 + DCRsecondary * IRMS_secondary2) + Core Loss (W)
0
20
40
60
80
100
120
01
2
3
4
5
6
7
Core Loss vs. Flux Density
0.0
0.5
1.0
1.5
2.0
2.5
0
500
1000
1500
2000
2500
DB (Gauss)
DB = 120E3 * Vin_min * Dutycycle_max / (Freq_kHz * Pri_Turns)
3.0
100kHz
200kHz
300kHz
400kHz
500kHz
600kHz
700kHz


Similar Part No. - PA0934

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0934 PULSE-PA0934 Datasheet
631Kb / 4P
   High Frequency Planar Transformers
PA0934NL PULSE-PA0934NL Datasheet
631Kb / 4P
   High Frequency Planar Transformers
More results

Similar Description - PA0934

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0801 PULSE-PA0801 Datasheet
261Kb / 3P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0491NLT PULSE-PA0491NLT Datasheet
125Kb / 2P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801NLT PULSE-PA0801NLT Datasheet
261Kb / 3P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA09XXNL PULSE-PA09XXNL Datasheet
631Kb / 4P
   High Frequency Planar Transformers
logo
MPS Industries, Inc.
PP25F MPSIND-PP25F Datasheet
637Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 140 WATT
PP18D MPSIND-PP18D Datasheet
600Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 30 WATT
PP20A MPSIND-PP20A Datasheet
622Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 100 WATT
logo
Pulse A Technitrol Comp...
PH08XXCNL PULSE-PH08XXCNL Datasheet
691Kb / 3P
   HIGH FREQUENCY FLAT COIL PLANAR TRANSFORMERS
logo
MPS Industries, Inc.
PP20B MPSIND-PP20B Datasheet
753Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 75 WATT
PP14D MPSIND-PP14D Datasheet
557Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 15 WATT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com