Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8285SLB-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A8285SLB-T
Description  LNB Supply and Control Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8285SLB-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A8285SLB-T Datasheet HTML 1Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 2Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 3Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 4Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 5Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 6Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 7Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 8Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LNB Supply and Control Voltage Regulator
A8285 and
A8287
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS
(continued) at TA = +25°C, VIN = 10 to 16 V (unless otherwise noted)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Tone Characteristics
Tone Frequency
fTONE
20
22
24
kHz
Tone Pull-Down Current
ITONE
–30
40
50
mA
Tone Turn-On and Turn-Off Delays
tDEL
Using EXTM pin
1
μs
External Tone Logic Input
VIH
–2
V
VIL
0.8
V
Input Leakage
IIL
––1
1
μA
Tone Detector Input Amplitude
VTDI
fIN = 22 kHz
260
1000
mV
Tone Detector Frequency Capture
fTDI
600 mVpp sinewave
17.6
26.4
kHz
Tone Detector Input Impedance
ZTDI
See note 1
8.6
k
Tone Detector Output Voltage
VOL
Tone present, ILOAD = 3 mA
0.4
V
Tone Detector Output Leakage
IOL
Tone absent, VO = 7 V
10
A
I2C Interface
Logic Input (SDA,SCL) Low Level
VIL
0.8
V
Logic Input (SDA,SCL) High Level
VIH
–2
V
Input Hysteresis
VHYS
150
mV
Logic Input Current
IIN
VIN = 0 V to 7 V
–10
<±1.0
10
μA
Output Voltage (SDA, IRQ)
VOL
ILOAD = 3 mA
0.4
V
Output Leakage (SDA, IRQ)
IOL
VO = 0 V to 7 V
10
μA
SCL Clock Frequency
fCLK
0
400
kHz
Output Fall Time
tOF
VIH to VIL
250
ns
Bus Free Time Between Stop and Start
tBUF
See I2C Interface Timing Diagram
1.3
μs
Hold Time for Start Condition
tHD:STA
See I2C Interface Timing Diagram
0.6
μs
Setup Time for Start Condition
tSU:STA
See I2C Interface Timing Diagram
0.6
μs
SCL Low Time
tLOW
See I2C Interface Timing Diagram
1.3
μs
SCL High Time
tHIGH
See I2C Interface Timing Diagram
0.6
μs
Data Setup Time
tSU:DAT
See note1; I2C Interface Timing Diagram
100
ns
Data Hold Time
tHD:DAT
See I2C Interface Timing Diagram
0
900
ns
Setup Time for Stop Condition
tSU:STO
See I2C Interface Timing Diagram
0.6
μs
Continued on next page


Similar Part No. - A8285SLB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8285SLB ALLEGRO-A8285SLB Datasheet
527Kb / 17P
   LNB Supply and Control Voltage Regulator
More results

Similar Description - A8285SLB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
   LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
   LNB Supply and control voltage regulator
logo
Allegro MicroSystems
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
   LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
   LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8292 ALLEGRO-A8292 Datasheet
408Kb / 19P
   Dual LNB Supply and Control Voltage Regulator
February 15, 2012
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com