Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90594G Datasheet(PDF) 37 Page - Fujitsu Component Limited.

Part # MB90594G
Description  16-bit Proprietary Microcontroller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90594G Datasheet(HTML) 37 Page - Fujitsu Component Limited.

Back Button MB90594G Datasheet HTML 33Page - Fujitsu Component Limited. MB90594G Datasheet HTML 34Page - Fujitsu Component Limited. MB90594G Datasheet HTML 35Page - Fujitsu Component Limited. MB90594G Datasheet HTML 36Page - Fujitsu Component Limited. MB90594G Datasheet HTML 37Page - Fujitsu Component Limited. MB90594G Datasheet HTML 38Page - Fujitsu Component Limited. MB90594G Datasheet HTML 39Page - Fujitsu Component Limited. MB90594G Datasheet HTML 40Page - Fujitsu Component Limited. MB90594G Datasheet HTML 41Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
MB90590/590G Series
37
2.
Recommended Conditions
(VSS = AVSS = 0 V)
*: Use a ceramic capacitor or a capacitor with equivalent frequency characteristics. The smoothing capacitor to
be connected to the VCC pin must have a capacitance value higher than CS.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min.
Typ.
Max.
Power supply voltage
VCC
AVCC
4.5
5.0
5.5
V
Under normal operation
MB90V590A
MB90V590G
MB90F594A
MB90F594G
MB90594
MB90594G
3.0
5.5
V
Maintains RAM data in
stop mode
4.75
5.0
5.25
V
Under normal operation
MB90F591A
MB90591
3.0
5.25
V
Maintains RAM data in
stop mode
Input H voltage
VIHS
0.8 VCC
—VCC +0.3
V
CMOS hysteresis input pin
VIHM
VCC – 0.3
VCC +0.3
V
MD input pin
Input L voltage
VILS
VSS – 0.3
0.6VCC
V
CMOS hysteresis input pin
VILM
VSS – 0.3
VSS + 0.3
V
MD input pin
Smooth capacitor
CS
0.022
0.1
1.0
µF*
Operating temperature
TA
–40
+85
°C
C
CS
• C Pin Connection Diagram


Similar Part No. - MB90594G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90594G FUJITSU-MB90594G Datasheet
1Mb / 60P
   16-bit Proprietary Microcontroller
MB90594GPF FUJITSU-MB90594GPF Datasheet
697Kb / 56P
   16-bit Proprietary Microcontroller
MB90594GPF FUJITSU-MB90594GPF Datasheet
1Mb / 60P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90594G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com