Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90594G Datasheet(PDF) 20 Page - Fujitsu Component Limited.

Part # MB90594G
Description  16-bit Proprietary Microcontroller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90594G Datasheet(HTML) 20 Page - Fujitsu Component Limited.

Back Button MB90594G Datasheet HTML 16Page - Fujitsu Component Limited. MB90594G Datasheet HTML 17Page - Fujitsu Component Limited. MB90594G Datasheet HTML 18Page - Fujitsu Component Limited. MB90594G Datasheet HTML 19Page - Fujitsu Component Limited. MB90594G Datasheet HTML 20Page - Fujitsu Component Limited. MB90594G Datasheet HTML 21Page - Fujitsu Component Limited. MB90594G Datasheet HTML 22Page - Fujitsu Component Limited. MB90594G Datasheet HTML 23Page - Fujitsu Component Limited. MB90594G Datasheet HTML 24Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
MB90590/590G Series
20
(Continued)
Address
Register
Abbreviation Access
Peripheral
Initial value
28H
Serial Mode Control Register 2
UMC2
R/W
UART2
0 0 0 0 0 1 0 0B
29H
Serial Status Register 2
USR2
R/W
0 0 0 1 0 0 0 0B
2AH
Serial Input/Output Data
Register 2
UIDR2/
UODR2
R/W
XXXXXXXXB
2BH
Rate and Data Register 2
URD2
R/W
0 0 0 0 0 0 0XB
2CH
Serial Mode Control Register
(low-order)
SMCS
R/W
Serial IO
_ _ _ _0 0 0 0B
2DH
Serial Mode Control Register
(high-order)
SMCS
R/W
0 0 0 0 0 0 1 0B
2EH
Serial Data Register
SDR
R/W
XXXXXXXXB
2FH
Edge Selector Register
SES
R/W
_ _ _ _ _ _ _0B
30H
External Interrupt Enable Register
ENIR
R/W
External Interrupt
0 0 0 0 0 0 0 0B
31H
External Interrupt Request Register
EIRR
R/W
XXXXXXXXB
32H
External Interrupt Level Register
ELVR
R/W
0 0 0 0 0 0 0 0B
33H
External Interrupt Level Register
ELVR
R/W
0 0 0 0 0 0 0 0B
34H
A/D Control Status Register 0
ADCS0
R/W
A/D Converter
0 0 0 0 0 0 0 0B
35H
A/D Control Status Register 1
ADCS1
R/W
0 0 0 0 0 0 0 0B
36H
A/D Data Register 0
ADCR0
R
XXXXXXXXB
37H
A/D Data Register 1
ADCR1
R/W
0 0 0 0 1 0 XXB
38H
PPG0 Operation Mode Control Register
PPGC0
R/W
16-bit Programmable
Pulse
Generator 0/1
0 _ 0 0 0 _ _ 1B
39H
PPG1 Operation Mode Control Register
PPGC1
R/W
0 _ 0 0 0 0 0 1B
3AH
PPG0,1 Output Pin Control Register
PPG01
R/W
0 0 0 0 0 0 0 0B
3BH
Reserved
3CH
PPG2 Operation Mode Control Register
PPGC2
R/W
16-bit Programmable
Pulse
Generator 2/3
0 _ 0 0 0 _ _1B
3DH
PPG3 Operation Mode Control Register
PPGC3
R/W
0 _ 0 0 0 0 0 1B
3EH
PPG2,3 Output Pin Control Register
PPG23
R/W
0 0 0 0 0 0 0 0B
3FH
Reserved
40H
PPG4 Operation Mode Control Register
PPGC4
R/W
16-bit Programmable
Pulse
Generator 4/5
0 _ 0 0 0 _ _ 1B
41H
PPG5 Operation Mode Control Register
PPGC5
R/W
0 _ 0 0 0 0 0 1B
42H
PPG4,5 Output Pin Control Register
PPG45
R/W
0 0 0 0 0 0 0 0B
43H
Reserved
44H
PPG6 Operation Mode Control Register
PPGC6
R/W
16-bit Programmable
Pulse
Generator 6/7
0 _ 0 0 0 _ _ 1B
45H
PPG7 Operation Mode Control Register
PPGC7
R/W
0 _ 0 0 0 0 0 1B
46H
PPG6,7 Output Pin Control Register
PPG67
R/W
0 0 0 0 0 0 0 0B
47H
Reserved


Similar Part No. - MB90594G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90594G FUJITSU-MB90594G Datasheet
1Mb / 60P
   16-bit Proprietary Microcontroller
MB90594GPF FUJITSU-MB90594GPF Datasheet
697Kb / 56P
   16-bit Proprietary Microcontroller
MB90594GPF FUJITSU-MB90594GPF Datasheet
1Mb / 60P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90594G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com