Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3325-S Datasheet(PDF) 2 Page - NEC

Part # 2SK3325-S
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3325-S Datasheet(HTML) 2 Page - NEC

  2SK3325-S Datasheet HTML 1Page - NEC 2SK3325-S Datasheet HTML 2Page - NEC 2SK3325-S Datasheet HTML 3Page - NEC 2SK3325-S Datasheet HTML 4Page - NEC 2SK3325-S Datasheet HTML 5Page - NEC 2SK3325-S Datasheet HTML 6Page - NEC 2SK3325-S Datasheet HTML 7Page - NEC 2SK3325-S Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D14264EJ1V0DS00
2
2SK3325
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain Leakage Current
IDSS
VDS = 500 V, VGS = 0 V
100
µA
Gate to Source Leakage Current
IGSS
VGS =
±30 V, VDS = 0 V
±100
nA
Gate to Source Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
2.5
3.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 5.0 A
2.0
4.0
S
Drain to Source On-state Resistance
RDS(on)
VGS = 10 V, ID = 5.0 A
0.68
0.85
Input Capacitance
Ciss
1200
pF
Output Capacitance
Coss
190
pF
Reverse Transfer Capacitance
Crss
VDS = 10 V, VGS = 0 V, f = 1 MHz
10
pF
Turn-on Delay Time
td(on)
21
ns
Rise Time
tr
11
ns
Turn-off Delay Time
td(off)
40
ns
Fall Time
tf
VDD = 150 V, ID = 5.0 A, VGS(on) = 10 V,
RG = 10
Ω, RL = 60 Ω
9.5
ns
Total Gate Charge
QG
22
nC
Gate to Source Charge
QGS
6.5
nC
Gate to Drain Charge
QGD
VDD = 400 V, VGS = 10 V, ID = 10 A
7.5
nC
Body Diode Forward Voltage
VF(S-D)
IF = 10 A, VGS = 0 V1.0
V
Reverse Recovery Time
trr
0.5
µs
Reverse Recovery Charge
Qrr
IF = 10 A, VGS = 0 V, di/dt = 50 A /
µs
2.6
µC
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
50
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 µs
Duty Cycle
1 %
τ
VGS
Wave Form
ID
Wave Form
VGS
ID
10 %
0
0
90 %
90 %
90 %
VGS(on)
ID
ton
toff
td(on)
tr
td(off)
tf
10 %10 %


Similar Part No. - 2SK3325-S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3325-S ISC-2SK3325-S Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3325-S RENESAS-2SK3325-S Datasheet
244Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3325-S

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com