Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90598 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90598
Description  16-bit Proprietary Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90598 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90598 Datasheet HTML 1Page - Fujitsu Component Limited. MB90598 Datasheet HTML 2Page - Fujitsu Component Limited. MB90598 Datasheet HTML 3Page - Fujitsu Component Limited. MB90598 Datasheet HTML 4Page - Fujitsu Component Limited. MB90598 Datasheet HTML 5Page - Fujitsu Component Limited. MB90598 Datasheet HTML 6Page - Fujitsu Component Limited. MB90598 Datasheet HTML 7Page - Fujitsu Component Limited. MB90598 Datasheet HTML 8Page - Fujitsu Component Limited. MB90598 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
DS07-13705-3E
FUJITSU SEMICONDUCTOR
DATA SHEET
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90595/595G Series
MB90598/F598/F598G/V595/V595G
s
s
s
s DESCRIPTION
The MB90595/595G series with FULL-CAN*1 interface and FLASH ROM is especially designed for automotive
and industrial applications. Its main features are two on board CAN Interfaces, which conform to V2.0 Part A and
Part B, while supporting a very flexible message buffer scheme and so offering more functions than a normal full
CAN approach.
The instruction set of F2MC-16LX CPU core inherits an AT architecture of the F2MC*2 family with additional
instruction sets for high-level languages, extended addressing mode, enhanced multiplication/division instructions,
and enhanced bit manipulation instructions. The microcontroller has a 32-bit accumulator for processing long
word data.
The MB90595/595G series has peripheral resources of 8/10-bit A/D converters, UART (SCI), extended I/O serial
interface, 8/16-bit PPG timer, I/O timer (input capture (ICU), output compare (OCU)) and stepping motor controller.
*1: Controller Area Network (CAN) - License of Robert Bosch GmbH
*2: F2MC stands for FUJITSU Flexible Microcontroller.
s
s
s
s FEATURES
•Clock
Embedded PLL clock multiplication circuit
Operating clock (PLL clock) can be selected from divided-by-2 of oscillation or one to four times the oscillation
(at oscillation of 4 MHz, 4 MHz to 16 MHz).
Minimum instruction execution time: 62.5 ns (operation at oscillation of 4 MHz, four times the oscillation clock,
VCC of 5.0 V)
(Continued)
s
s
s
s PACKAGE
100-pin Plastic QFP
(FPT-100P-M06)


Similar Part No. - MB90598

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90598G FUJITSU-MB90598G Datasheet
1Mb / 56P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90598G CYPRESS-MB90598G Datasheet
518Kb / 52P
   CMOS 16-bit Proprietary Microcontroller
logo
Fujitsu Component Limit...
MB90598GPF FUJITSU-MB90598GPF Datasheet
613Kb / 52P
   16-bit Proprietary Microcontroller
MB90598GPF FUJITSU-MB90598GPF Datasheet
1Mb / 56P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90598GPF CYPRESS-MB90598GPF Datasheet
518Kb / 52P
   CMOS 16-bit Proprietary Microcontroller
More results

Similar Description - MB90598

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com