Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90591 Datasheet(PDF) 19 Page - Fujitsu Component Limited.

Part # MB90591
Description  16-bit Proprietary Microcontroller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90591 Datasheet(HTML) 19 Page - Fujitsu Component Limited.

Back Button MB90591 Datasheet HTML 15Page - Fujitsu Component Limited. MB90591 Datasheet HTML 16Page - Fujitsu Component Limited. MB90591 Datasheet HTML 17Page - Fujitsu Component Limited. MB90591 Datasheet HTML 18Page - Fujitsu Component Limited. MB90591 Datasheet HTML 19Page - Fujitsu Component Limited. MB90591 Datasheet HTML 20Page - Fujitsu Component Limited. MB90591 Datasheet HTML 21Page - Fujitsu Component Limited. MB90591 Datasheet HTML 22Page - Fujitsu Component Limited. MB90591 Datasheet HTML 23Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
MB90590/590G Series
19
s
s
s
s I/O MAP
(Continued)
Address
Register
Abbreviation Access
Peripheral
Initial value
00H
Port 0 Data Register
PDR0
R/W
Port 0
XXXXXXXXB
01H
Port 1 Data Register
PDR1
R/W
Port 1
XXXXXXXXB
02H
Port 2 Data Register
PDR2
R/W
Port 2
XXXXXXXXB
03H
Port 3 Data Register
PDR3
R/W
Port 3
XXXXXXXXB
04H
Port 4 Data Register
PDR4
R/W
Port 4
XXXXXXXXB
05H
Port 5 Data Register
PDR5
R/W
Port 5
XXXXXXXXB
06H
Port 6 Data Register
PDR6
R/W
Port 6
XXXXXXXXB
07H
Port 7 Data Register
PDR7
R/W
Port 7
XXXXXXXXB
08H
Port 8 Data Register
PDR8
R/W
Port 8
XXXXXXXXB
09H
Port 9 Data Register
PDR9
R/W
Port 9
_ _ XXXXXXB
0AH to 0FH
Reserved
10H
Port 0 Direction Register
DDR0
R/W
Port 0
0 0 0 0 0 0 0 0B
11H
Port 1 Direction Register
DDR1
R/W
Port 1
0 0 0 0 0 0 0 0B
12H
Port 2 Direction Register
DDR2
R/W
Port 2
0 0 0 0 0 0 0 0B
13H
Port 3 Direction Register
DDR3
R/W
Port 3
0 0 0 0 0 0 0 0B
14H
Port 4 Direction Register
DDR4
R/W
Port 4
0 0 0 0 0 0 0 0B
15H
Port 5 Direction Register
DDR5
R/W
Port 5
0 0 0 0 0 0 0 0B
16H
Port 6 Direction Register
DDR6
R/W
Port 6
0 0 0 0 0 0 0 0B
17H
Port 7 Direction Register
DDR7
R/W
Port 7
0 0 0 0 0 0 0 0B
18H
Port 8 Direction Register
DDR8
R/W
Port 8
0 0 0 0 0 0 0 0B
19H
Port 9 Direction Register
DDR9
R/W
Port 9
_ _ 0 0 0 0 0 0B
1AH
Reserved
1BH
Analog Input Enable Register
ADER
R/W
Port 6, A/D
1 1 1 1 1 1 1 1B
1CH to 1FH
Reserved
20H
Serial Mode Control Register 0
UMC0
R/W
UART0
0 0 0 0 0 1 0 0B
21H
Serial Status Register 0
USR0
R/W
0 0 0 1 0 0 0 0B
22H
Serial Input/Output Data Register 0
UIDR0/
UODR0
R/W
XXXXXXXXB
23H
Rate and Data Register 0
URD0
R/W
0 0 0 0 0 0 0XB
24H
Serial Mode Control Register 1
UMC1
R/W
UART1
0 0 0 0 0 1 0 0B
25H
Serial Status Register 1
USR1
R/W
0 0 0 1 0 0 0 0B
26H
Serial Input/Output Data Register 1
UIDR1/
UODR1
R/W
XXXXXXXXB
27H
Rate and Data Register 1
URD1
R/W
0 0 0 0 0 0 0XB


Similar Part No. - MB90591

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591G FUJITSU-MB90591G Datasheet
1Mb / 60P
   16-bit Proprietary Microcontroller
MB90591GPF FUJITSU-MB90591GPF Datasheet
697Kb / 56P
   16-bit Proprietary Microcontroller
MB90591GPF FUJITSU-MB90591GPF Datasheet
1Mb / 60P
   16-bit Proprietary Microcontroller
MB90591PF FUJITSU-MB90591PF Datasheet
697Kb / 56P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90591

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com